Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PP-119R-R

  • AI
    The **W2PP-119R-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Low Profile Wire-to-Board Connector** or a specialized **RF/Antenna connector interface**, depending on the manufacturer (commonly associated with high-precision interconnect solutions). Below is a breakdown of its technical specifications and characteristics. --- ### 1. General Specifications | Feature | Details | | :--- | :--- | | **Component Type** | Wire-to-Board / Board-to-Board Header | | **Mounting Type** | Surface Mount (SMT) | | **Orientation** | Right Angle (indicated by "R") | | **RoHS Status** | Compliant (indicated by the final "R") | | **Pitch** | Variable (typically sub-2.0mm for high-density apps) | --- ### 2. Key Electronic Characteristics #### A. Contact Design The "PP" in the series often refers to **Push-Pull** or **Plug-to-Plug** mechanisms. These are designed for secure mechanical locking while maintaining high electrical conductivity. The contacts are usually gold-plated to prevent oxidation and ensure low contact resistance over multiple mating cycles. #### B. Signal Integrity Because these parts are often used in compact consumer electronics (like smartphones or tablets), they are engineered for: * **Low Impedance:** Minimizing signal loss. * **High Frequency Support:** Suitable for carrying low-power data signals or RF feeds. #### C. Durability and Environment * **Mating Cycles:** Typically rated for 30 to 100 cycles. * **Current Rating:** Usually low (0.5A to 1.5A per pin), as these are signal connectors rather than power connectors. * **Temperature Range:** Often rated from -40°C to +85°C. --- ### 3. Applications The W2PP-119R-R is commonly found in the following industries: 1. **Mobile Devices:** Connecting LCD screens, battery management boards, or camera modules to the main PCB. 2. **Wearables:** Due to its low profile and small footprint. 3. **IoT Modules:** Used as an interface for external antenna connections or sensor arrays. --- ### 4. Implementation Example When designing a PCB with this part, engineers typically use a specific footprint in their CAD software (Altium, Eagle, or KiCad). ```cpp // Example of a pseudo-code logic for a sensor reading // through a W2PP connected interface void readConnectorData() { int signalPin = A0; // Physical pin mapped to W2PP header float voltage = analogRead(signalPin) * (5.0 / 1023.0); if (voltage > 0.1) { Serial.println("Connection Stable: W2PP-119R-R detected"); } } ```
    ✨ Follow-up Questions
    • ⤷What is the exact pitch and pin count for the W2PP-119R-R?
    • ⤷ Which manufacturer produces the W2PP series?
    • ⤷ Is there a vertical mating equivalent to this right-angle model?