Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PP-119R-R2

  • AI
    The **W2PP-119R-R2** is a specific electronic component typically categorized under **Power Inductors** or custom electromagnetic components, often used in telecommunications and power management circuits. --- ### 1. Key Technical Specifications While exact specifications can vary by manufacturer (often associated with brands like *Sumida* or *TDK* in specific series), the general characteristics for this part class include: | Parameter | Typical Value/Description | | :--- | :--- | | **Component Type** | SMT (Surface Mount) Power Inductor | | **Inductance** | Variable (Typically in the mH or µH range depending on sub-series) | | **Current Rating** | Designed for high-saturation environments | | **Core Material** | Ferrite core (low loss at high frequencies) | | **Termination** | RoHS compliant lead-free solder | --- ### 2. Physical Construction The "R2" suffix usually denotes a revision or a specific packaging style (like Tape & Reel). * **Winding:** Precision-wound copper wire to minimize DC Resistance (DCR). * **Shielding:** Usually magnetically shielded to prevent Electromagnetic Interference (EMI) with neighboring components on a PCB. * **Footprint:** Designed for automated pick-and-place assembly. --- ### 3. Common Applications This part is frequently found in the following electronic sectors: 1. **Telecommunications:** Used in ADSL/VDSL splitters or modem power stages to filter noise. 2. **DC-DC Converters:** Acts as an energy storage element in switching power supplies. 3. **Consumer Electronics:** Power regulation in high-density circuit boards where space is a premium. --- ### 4. Implementation Example In a standard buck converter circuit, the W2PP-119R-R2 would be placed between the switching node and the output capacitor: ```python # Simplified circuit logic representation Component_Map = { "Input": "V_In (12V)", "Switch": "MOSFET (High Frequency)", "Storage": "W2PP-119R-R2 Inductor", # Smooths current ripples "Filter": "Output Capacitor", "Output": "V_Out (3.3V)" } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the R2 revision?
    • ⤷ Is the W2PP-119R-R2 AEC-Q200 qualified for automotive use?
    • ⤷ What are the recommended PCB landing pattern dimensions for this part?