Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PP-122R-R/N

  • AI
    The **W2PP-122R-R/N** belongs to a series of high-precision, low-profile proximity sensors, typically used in industrial automation for non-contact object detection. These parts are often associated with brands like **Azbil (formerly Yamatake)** or similar industrial sensor manufacturers. ### 1. Technical Specifications Overview The part number breaks down into specific electrical and mechanical characteristics. Below is a summary of the typical technical profile for this component: | Feature | Specification | | :--- | :--- | | **Sensor Type** | Inductive Proximity Sensor | | **Sensing Distance** | ~2.0 mm to 2.5 mm (Standard) | | **Output Type** | NPN or PNP (Usually Open Collector) | | **Operation Mode** | Normally Open (NO) or Normally Closed (NC) | | **Voltage Range** | 10V to 30V DC | | **Current Consumption** | < 10 mA | | **Protection Rating** | IP67 (Dust tight and water immersion resistant) | --- ### 2. Key Electronic Components & Working Principle The W2PP series utilizes several internal electronic stages to function: 1. **Oscillator Circuit:** Generates a high-frequency electromagnetic field that emanates from the sensing face. 2. **Detection Circuit (Schmitt Trigger):** When a metal object enters the field, eddy currents are induced in the target, reducing the amplitude of the oscillation. The circuit detects this "damping" effect. 3. **Output Transistor:** The "R-R/N" suffix usually denotes the switching logic. * **NPN:** Switches the negative load (Sinking). * **PNP:** Switches the positive load (Sourcing). 4. **LED Indicator:** Most models include a built-in LED (usually red or orange) to indicate the "Target Detected" state. --- ### 3. Wiring Configuration The device typically uses a 3-wire system. Standard industrial color coding applies: ```yaml Brown: +V (Positive Supply, 12-24V DC) Blue: 0V (Ground/Common) Black: Output Signal (Control signal to PLC or Relay) ``` ### 4. Application Areas * **Positioning:** Detecting the end-of-travel for robotic arms or CNC axes. * **Counting:** High-speed counting of metallic parts on a conveyor belt. * **Safety Interlocks:** Ensuring a metallic guard or door is closed before machinery starts. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the NPN and PNP versions of this sensor?
    • ⤷ How do I mount this sensor to avoid interference from surrounding metal?
    • ⤷ What is the maximum switching frequency for the W2PP series?