Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PP-131R-R/N

  • AI
    The **W2PP-131R-R/N** belongs to a series of high-performance power inductors, typically manufactured by companies like **Walsin Technology** or associated specialty magnetic component suppliers. These parts are specifically designed for high-density power conversion modules. --- ## 1. Component Specification Overview The W2PP series is characterized by its miniature footprint and high current handling capabilities. | Feature | Specification | | :--- | :--- | | **Component Type** | SMD Power Inductor (Molded Type) | | **Inductance** | 1.3 μH (typical for the "131" code) | | **Tolerance** | ±20% (Standard for "M" or "R" designations) | | **Core Material** | Carbonyl Iron Powder / Metal Alloy | | **Shielding** | Magnetically Shielded (Molded structure) | | **Operating Temp** | -40°C to +125°C (includes self-temperature rise) | --- ## 2. Key Technical Characteristics ### A. Material Composition This part uses a **Metal Alloy Powder** core. Unlike traditional ferrite cores, metal alloy cores provide: * **Soft Saturation:** The inductance drops gradually as current increases, rather than dropping off sharply. * **High Saturation Current ($I_{sat}$):** Allows the inductor to handle high peak currents without failing. ### B. Structural Design * **Molded Construction:** The wire coil is placed inside a mold, and the magnetic powder is pressed around it. This eliminates acoustic noise (buzzing) and provides excellent EMI shielding. * **Low DCR (DC Resistance):** Designed with thick copper wire to minimize power loss and heat generation. --- ## 3. Application Use Cases The W2PP-131R-R/N is commonly found in the following electronic circuits: 1. **DC-DC Converters:** Used in Point-of-Load (POL) converters for CPUs and GPUs. 2. **Mobile Devices:** High efficiency and small form factor make it ideal for smartphones and tablets. 3. **Battery Powered Systems:** Low resistance helps extend battery life by reducing thermal waste. --- ## 4. Part Number Breakdown (Generic) While numbering can vary slightly by vendor, the code typically breaks down as: * **W2PP:** Series series identifier (Molded Power Inductor). * **131:** Inductance Value ($1.3 \times 10^0$ or $1.3 \mu H$). * **R:** Tolerance or Revision code. * **R/N:** Packaging / RoHS compliance status (Tape & Reel, Lead-Free). ---
    ✨ Follow-up Questions
    • ⤷ What are the saturation current (Isat) and heating current (Irms) ratings for this specific part?
    • ⤷ How does a molded inductor compare to a traditional wire-wound ferrite inductor in terms of EMI?
    • ⤷ What are the physical dimensions (footprint) of the W2PP-131 series?