Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PP-212R-R2

  • AI
    The **W2PP-212R-R2** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits for filtering and energy storage. --- ### 1. Key Technical Specifications Below are the general technical parameters typical for this specific series and part number: | Feature | Specification | | :--- | :--- | | **Part Number** | W2PP-212R-R2 | | **Inductance** | 0.22 µH (Microhenries) | | **Tolerance** | ±20% | | **DCR (DC Resistance)** | Very Low (typically < 1.0 mΩ) | | **Saturation Current** | High (often exceeding 20A - 30A) | | **Package Type** | Shielded SMD | | **Operating Temp** | -40°C to +125°C | --- ### 2. Functional Breakdown As a high-current power inductor, the W2PP-212R-R2 performs several critical roles within an electronic assembly: * **Energy Storage:** It stores energy in a magnetic field when current flows through it, which is crucial for DC-DC converters. * **Noise Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC to pass. * **Voltage Regulation:** It helps maintain a steady output voltage in Buck (Step-down) or Boost (Step-up) switching regulators. --- ### 3. Application Areas This specific part is often found in high-performance power modules due to its low profile and high current handling capabilities: 1. **Motherboards & Servers:** Used in VRM (Voltage Regulator Modules) for CPUs and GPUs. 2. **Portable Electronics:** High-efficiency power supplies for laptops and tablets. 3. **Telecommunications:** DC-DC converters for networking switches and routers. --- ### 4. Circuit Implementation Example In a standard Buck Converter circuit, the inductor is placed between the switching node and the output capacitor: ```python # Simplified Power Path Logic # [Input Voltage] -> [Switching MOSFETs] -> [W2PP-212R-R2 Inductor] -> [Output Voltage] # | # [Output Capacitor] ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the W2PP-212R-R2?
    • ⤷ How does the saturation current affect the performance of this inductor?
    • ⤷ What is the physical footprint (dimensions) of this component?