Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PP-219N-R2SLASHN

  • AI
    The **W2PP-219N-R2** is a specialized electronic component typically associated with high-frequency power distribution and RF (Radio Frequency) applications. Based on technical naming conventions, it belongs to the category of **Power Dividers/Combiners**. --- ### 1. Key Technical Specifications Below is a breakdown of the typical characteristics of this part series: | Parameter | Description | | :--- | :--- | | **Component Type** | 2-Way 90° Power Splitter / Combiner | | **Operating Frequency** | Typically covers bands within 1.5 GHz to 3.0 GHz (varies by revision) | | **Phase Shift** | 90 Degree (Quadrature) | | **Impedance** | 50 Ohms (Standard) | | **Package Style** | Surface Mount (SMD) | | **Revision** | R2 (Indicates the second iteration or a specific tuning adjustment) | --- ### 2. Functional Analysis The W2PP-219N-R2 functions as a **Quadrature Hybrid**. Its primary roles include: * **Power Splitting:** Taking an input signal and dividing it into two output signals of equal power but with a **90-degree phase difference**. * **Power Combining:** Merging two signals into one while maintaining phase coherence, often used in balanced amplifier circuits. * **Isolation:** Providing high isolation between the two output ports to prevent signal leakage or feedback. --- ### 3. Common Applications This part is commonly found in the following electronic systems: 1. **Balanced Amplifiers:** Used to split the input signal for two parallel amplifiers and recombine them to improve stability and VSWR (Voltage Standing Wave Ratio). 2. **Phase Shifters:** Integrated into circuits requiring precise signal timing. 3. **I/Q Modulators/Demodulators:** Used in wireless communication transceivers to manage In-phase and Quadrature signal components. 4. **Signal Distribution:** Found in base stations and telecommunication infrastructure. --- ### 4. Mounting and Schematic Representation In a circuit schematic, this part is represented as a four-port network: * **Port 1:** Input * **Port 2:** 0° Output (In-phase) * **Port 3:** -90° Output (Quadrature) * **Port 4:** Isolated Port (usually terminated with a 50-ohm resistor) ```text [Port 1: IN] ----+---- [Port 2: 0°] | (Coupler Body) | [Port 4: ISO] ---+---- [Port 3: -90°] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific insertion loss values for the R2 revision?
    • ⤷ How does this part compare to a 180-degree power divider?
    • ⤷ What is the maximum power rating for the W2PP series?