Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PP-222R-R2/N

  • AI
    The **W2PP-222R-R2/N** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a related passive magnetic component. These parts are designed for high-efficiency power conversion and filtering. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary technical characteristics: | Feature | Specification (Approximate) | | :--- | :--- | | **Inductance** | 2.2 µH (Represented by "222") | | **Tolerance** | ±20% (Standard for "R" or "M" codes) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Material** | Ferrite Core with Copper Winding | ### 2. Breakdown of the Part Number * **W2PP**: The Series identifier, usually indicating a specific physical size and molding technology (e.g., molded power choke). * **222**: The Inductance code. $22 \times 10^2$ nH = 2200 nH, which equals **2.2 µH**. * **R**: Often denotes the decimal point or a specific tolerance/packaging style. * **R2/N**: Revision codes or lead-free/RoHS compliance indicators (N often stands for "None" or "Normal" lead-free termination). --- ### 3. Core Functions in a Circuit Inductors like the W2PP-222R-R2/N serve three primary roles in electronic assemblies: 1. **Energy Storage**: In DC-DC converters (Buck/Boost), it stores energy in a magnetic field during the switching cycle. 2. **Noise Filtering**: It acts as a low-pass filter, blocking high-frequency noise while allowing DC current to pass. 3. **Voltage Regulation**: Helps smooth out ripple current in power supply outputs to ensure stable voltage for sensitive components like CPUs or FPGAs. ### 4. Common Applications * **Consumer Electronics**: Laptops, tablets, and smartphones. * **Power Modules**: Point-of-Load (POL) converters. * **Automotive**: Infotainment systems and ECU power management. * **Industrial**: High-density DC-DC power supplies. --- ### 5. Recommended PCB Footprint Considerations When designing a PCB for this part, ensure the following: * **Solder Mask**: Provide sufficient clearance to prevent bridging between the two main pads. * **Thermal Vias**: Since inductors can generate heat at high currents, placing thermal vias nearby helps dissipation. * **Trace Width**: Ensure traces are wide enough to handle the rated saturation current ($I_{sat}$) and temperature rise current ($I_{rms}$).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Isat) for the W2PP-222R series?
    • ⤷ How does magnetic shielding in this part help with EMI compliance?
    • ⤷ What are the physical dimensions (LxWxH) of this specific package?