Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PP-232N-R2

  • AI
    The **W2PP-232N-R2** is a specific model of an **Industrial Serial-to-Ethernet (PoE) Converter** (often categorized as a Device Server). It is designed to bridge legacy serial communication devices (RS-232) with modern Ethernet networks. --- ## 1. Technical Specifications The following table outlines the core electronic and physical specifications for the W2PP-232N-R2: | Feature | Specification | | :--- | :--- | | **Serial Interface** | 1 x RS-232 (DB9 Male) | | **Ethernet Port** | 1 x 10/100 Mbps (RJ45) | | **Power Input** | Power over Ethernet (PoE) IEEE 802.3af or DC Input | | **Isolation** | 15KV ESD Protection for serial signals | | **Baud Rate** | 300 bps to 230.4 Kbps | | **Mounting** | DIN-Rail or Wall Mount | | **Operating Temp** | -40°C to 75°C (Wide Temperature Range) | --- ## 2. Key Internal Electronic Components ### A. The Microcontroller / SoC The heart of the unit is a specialized System-on-Chip (SoC) that manages the protocol conversion. It processes the encapsulation of RS-232 data frames into TCP/IP packets (and vice versa) in real-time. ### B. RS-232 Transceiver The device utilizes an industrial-grade transceiver (typically an IC like the MAX3232 or similar) to handle voltage level shifts. While standard TTL logic operates at low voltages (3.3V/5V), RS-232 requires +/- 5V to 15V. This component also provides the **15KV ESD protection** to prevent static electricity from damaging the internal logic. ### C. PoE Controller (Power Management) Because this unit supports **PoE (Power over Ethernet)**, it contains a PD (Powered Device) controller chip. This allows the device to negotiate power requirements with a PoE switch, eliminating the need for a separate power adapter. --- ## 3. Operational Modes The electronic firmware supports several methods of communication: 1. **TCP Server/Client:** The device acts as an endpoint for a direct network connection. 2. **UDP Mode:** Used for faster, connectionless data transmission where some packet loss is acceptable. 3. **Virtual COM Port:** Specialized drivers on a PC trick the operating system into thinking the remote device is plugged directly into a local USB or Serial port. 4. **Pair Connection:** Two W2PP-232N-R2 units can be used to "tunnel" RS-232 signals over a long-distance Ethernet cable. --- ## 4. Hardware Connectivity Pinout (RS-232) | Pin No. | Signal | Description | | :--- | :--- | :--- | | 2 | RXD | Receive Data | | 3 | TXD | Transmit Data | | 5 | GND | Signal Ground | | 7 | RTS | Request to Send | | 8 | CTS | Clear to Send | ---
    ✨ Follow-up Questions
    • ⤷ How do I configure the IP address for the W2PP-232N-R2?
    • ⤷ Can this device be powered by a standard DC power supply if PoE is unavailable?
    • ⤷ What is the maximum distance for the RS-232 cable connection?