Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PP-232R-R

  • AI
    The **W2PP-232R-R** is a specialized electronic component, specifically a **Surface Mount Device (SMD) Power Inductor**. It is widely used in power management circuits due to its compact profile and high efficiency. --- ### 1. Key Technical Specifications The part number usually follows a specific nomenclature defining its physical and electrical properties: | Feature | Specification | | :--- | :--- | | **Component Type** | SMD Wire-wound Power Inductor | | **Inductance** | Typically 2.2µH to 3.3µH (Series dependent) | | **Current Rating** | High Saturation Current ($I_{sat}$) | | **Mounting Type** | Surface Mount (SMT) | | **Operating Temp** | -40°C to +125°C | | **Shielding** | Magnetically Shielded (reduces EMI) | --- ### 2. Internal Construction The "232R" series indicates a specific footprint and height profile. The internal construction involves: * **Core Material:** Ferrite or Iron Powder core designed to handle high magnetic flux without saturating quickly. * **Winding:** Copper wire wound around the core, terminated at the base pads. * **Packaging:** A molded or shielded exterior that minimizes electromagnetic interference (EMI) with neighboring components on a PCB. --- ### 3. Applications and Use Cases This component is typically found in the following electronic circuits: * **DC-DC Converters:** Used as an energy storage element in buck (step-down) or boost (step-up) regulators. * **Battery Powered Devices:** Ideal for smartphones, tablets, and wearables due to its small footprint. * **Noise Filtering:** Acts as a low-pass filter to smooth out ripples in power supply lines. --- ### 4. Circuit Diagram Representation In a schematic, this part is represented by the standard inductor symbol. Below is a conceptual example of its placement in a Buck Converter circuit: ```mermaid graph LR Vin[Input Voltage] --> SW[Switching Regulator] SW --> L1[W2PP-232R-R Inductor] L1 --> Vout[Filtered Output] L1 --- C1[Output Capacitor] C1 --- GND[Ground] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the W2PP-232R-R?
    • ⤷ How does magnetic shielding in this inductor prevent EMI?
    • ⤷ What are the footprint dimensions for the 232R series?