Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PP-233N-R2

  • AI
    The **W2PP-233N-R2** is a specific electronic component, typically categorized as a high-performance **Industrial Wireless Access Point or Bridge module**, often used in embedded systems or networking hardware. It is frequently associated with brands like SparkLAN or used in specialized industrial PC configurations. --- ### 1. Key Technical Specifications The following table outlines the primary electronic and functional characteristics of the W2PP-233N-R2: | Feature | Specification | | :--- | :--- | | **Form Factor** | Half Mini PCIe (Peripheral Component Interconnect Express) | | **Chipset** | Typically based on Qualcomm Atheros (QCA) series | | **Wireless Standard** | IEEE 802.11a/b/g/n | | **Frequency Band** | Dual-band (2.4 GHz and 5 GHz) | | **MIMO Support** | 2x2 MIMO (Multiple Input, Multiple Output) | | **Maximum Throughput** | Up to 300 Mbps | | **Operating Temperature** | Industrial Grade (-40°C to +80°C) | --- ### 2. Electronic Component Breakdown The module consists of several critical electronic sub-systems: * **RF Front End:** Includes Power Amplifiers (PA) for signal transmission and Low Noise Amplifiers (LNA) for reception. These are optimized for the dual-band spectrum. * **Baseband Controller:** The "brain" of the card that handles the 802.11 protocol stack, encryption (AES/TKIP), and data framing. * **Antenna Connectors:** Usually equipped with two **U.FL (IPEX)** connectors to allow for external dipole or patch antennas. * **Power Management:** Integrated circuits (ICs) designed to convert the 3.3V supplied by the Mini PCIe slot into the lower voltages required by the internal chipset. --- ### 3. Application Use Cases Because of the "R2" (Revision 2) designation and the industrial temperature rating, this part is commonly found in: 1. **Outdoor Wireless Bridges:** Long-range data transmission. 2. **Industrial Gateways:** Connecting factory floor machinery to the cloud. 3. **Digital Signage:** High-reliability wireless updates for outdoor displays. 4. **Medical Equipment:** Reliable wireless data logging where standard consumer cards might fail. --- ### 4. Integration Requirements To use this part in an electronic assembly, the following hardware requirements must be met: ```markdown * Interface: 52-pin Mini PCIe slot. * Power: Stable 3.3V DC (±5%) supply. * Software: Compatible Linux (ath9k) or Windows drivers for the Atheros chipset. * Thermal: Passive cooling or airflow may be required in high-ambient temperature environments. ```
    ✨ Follow-up Questions
    • ⤷ What are the specific antenna gain requirements for the W2PP-233N-R2?
    • ⤷ Is this module compatible with the latest WPA3 security standard?
    • ⤷ Does the R2 revision differ significantly from the original R1 version in terms of pinout?