Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PP-311R-R

  • AI
    The **W2PP-311R-R** is a specific part number often associated with **optical transceivers** or specialized **interconnect components** used in high-speed data communications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview This component is typically categorized as a **SFP (Small Form-factor Pluggable)** or **QSFP** related part, designed for fiber optic communication. It converts electrical signals into optical signals (and vice versa) to facilitate long-distance data transfer with minimal loss. ### 2. Technical Specifications The table below outlines the general technical profile for this series of parts: | Parameter | Specification (Typical) | | :--- | :--- | | **Data Rate** | Up to 1.25 Gbps / 10 Gbps (Variant dependent) | | **Wavelength** | 1310 nm / 1550 nm | | **Connector Type** | LC Duplex or SC | | **Supply Voltage** | 3.3V DC | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Fiber Type** | Single-Mode (SMF) or Multi-Mode (MMF) | ### 3. Key Electronic Sub-systems The internal architecture of the W2PP-311R-R consists of several critical electronic blocks: * **Transmitter Path:** * **Laser Driver:** An integrated circuit (IC) that modulates the electrical input current to drive the laser diode. * **TOSA (Transmitter Optical Sub-Assembly):** Contains the laser source (usually a DFB or VCSEL). * **Receiver Path:** * **ROSA (Receiver Optical Sub-Assembly):** Contains a photodiode that converts incoming light back into a weak electrical current. * **TIA (Transimpedance Amplifier):** Converts the weak current from the photodiode into a usable voltage signal. * **Limiting Amplifier:** Cleans up the signal and ensures a consistent output swing. * **Control Logic:** * **EEPROM:** Stores identification data (Vendor ID, Serial Number, and Compatibility codes). * **DDM (Digital Diagnostic Monitoring):** Allows the host system to monitor real-time parameters like temperature, voltage, and optical power. ### 4. Application Areas * **Ethernet Switches:** Connecting high-capacity switches in data centers. * **Telecommunications:** Base station connectivity (LTE/5G backhaul). * **Industrial Networking:** Robust data links in environments with high electromagnetic interference (EMI). --- ### 5. Circuit Implementation Example When integrating this part into a PCB design, the following pinout logic is generally followed: ```c // Example of I2C Addressing for DDM/EEPROM Access #define SFP_EEPROM_ADDR 0xA0 // Standard address for ID information #define SFP_DDM_ADDR 0xA2 // Standard address for diagnostic data // Typical Monitoring Routine void read_optical_power() { uint16_t raw_power = i2c_read(SFP_DDM_ADDR, RX_POWER_REG); float mw_power = raw_power * 0.0001; // Conversion factor } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum transmission distance for the W2PP-311R-R?
    • ⤷ Is this part compatible with standard SFP+ ports?
    • ⤷ What are the specific pinout differences between the transmitter and receiver sides?