Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PP-321R-R/N

  • AI
    The **W2PP-321R-R/N** belongs to a series of high-performance components typically associated with telecommunications, networking, or specialized industrial interfacing. Specifically, this part number refers to a **RJ45 Integrated Connector Module (ICM)** or a specialized **Magnetic Jack**. Below is a detailed breakdown of its electronic characteristics and construction. --- ### 1. Key Technical Specifications The component is designed to handle Ethernet physical layer (PHY) signals while providing electrical isolation and noise filtering. | Feature | Description | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Port Configuration** | Single Port (1x1) | | **Transmission Speed** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Orientation** | Right Angle (90-degree) / Tab-Down | | **Termination** | Through-hole (THT) Soldering | | **Shielding** | Metal-shielded with EMI fingers | --- ### 2. Internal Electronic Components Unlike a standard passive plastic jack, the "W2PP" series contains "Magnetics" inside the housing. This includes: * **Isolation Transformers:** Provides 1500Vrms isolation between the cable side and the PCB side to protect sensitive ICs from static and surges. * **Common Mode Chokes (CMC):** Filters out electromagnetic interference (EMI) and ensures signal integrity over long cable runs. * **Termination Resistors:** Usually includes a "Bob Smith" termination (75-ohm resistors) to reduce common-mode noise and match impedance. * **High-Voltage Capacitors:** Typically 2kV capacitors to shunt high-frequency noise to the chassis ground. --- ### 3. Physical Layout and Pinout The part is structured to minimize the footprint on the PCB while providing robust mechanical stability. * **LED Configuration:** The "R-R/N" suffix often indicates the LED colors. Usually, this signifies **Red/Green** or **Yellow/Green** bi-color LEDs integrated into the front of the jack. * **Shielding:** A copper alloy shield covers the component to prevent crosstalk between adjacent ports and protect against external RF interference. * **Contact Plating:** Gold plating (typically 6u" to 50u") on the mating pins to prevent oxidation and ensure low contact resistance over time. --- ### 4. Circuit Diagram Representation In a schematic, this part is represented as a complex block rather than a simple connector: ```mermaid graph LR A[RJ45 Pins] -- Signal Path --> B(Common Mode Choke) B -- Magnetic Coupling --> C(Isolation Transformer) C -- Signal Output --> D[PCB Pins to PHY IC] E[Chassis Ground] --- F((2kV Cap)) ``` --- ### 5. Application Areas * **Networking Gear:** Routers, switches, and hubs. * **Industrial PC:** Embedded motherboards and PLC controllers. * **IoT Gateways:** Devices requiring reliable wired internet connectivity in noisy environments.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the W2PP-321R-R/N?
    • ⤷ What are the specific LED color codes for the 'R-R/N' suffix?
    • ⤷ Are there surface-mount (SMD) alternatives to this through-hole component?