Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PP-32YN-R2/N

  • AI
    The **W2PP-32YN-R2/N** belongs to a specific category of industrial automation components, typically associated with **Programmable Logic Controllers (PLCs)** or **Remote I/O systems**. Specifically, this part number refers to a digital output module used in control systems. --- ### Technical Specifications Overview Based on the nomenclature, here is the breakdown of the electronic characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Digital Output Module | | **I/O Points** | 32 Channels | | **Output Type** | Transistor (NPN/Sink Type) | | **Voltage Rating** | Typically 12-24V DC | | **Connection Method** | Connector-type (usually 40-pin) | | **Isolation** | Optocoupler / Photocoupler Isolation | --- ### Key Electronic Components & Functions #### 1. Switching Element (Transistor) The "YN" in the part number signifies a **Transistor output**. Unlike relay outputs, these are solid-state: * **High Speed:** Capable of high-frequency switching for PWM or rapid pulse signals. * **Longevity:** Since there are no moving mechanical parts, the module has a significantly longer lifespan compared to relays. * **NPN Logic:** This is a "Sink" type output, meaning the load is connected between the positive supply and the module's output pin. When active, the module completes the path to the ground (0V). #### 2. Optocoupler Isolation To protect the sensitive internal CPU of the PLC/Controller from external electrical noise or surges on the 24V field side, the module uses **Optical Isolation**. * Electrical signals are converted to light and back to electricity. * This prevents a short circuit in the field from destroying the entire control rack. #### 3. Status Indicators (LEDs) The module typically features a 32-point LED display on the front panel. These LEDs are wired in series with the logic side of the output to provide real-time visual diagnostics of which channels are energized. #### 4. Protection Circuitry Internally, these modules usually include: * **Surge Suppressors (Zener Diodes/MOVs):** To absorb back-EMF from inductive loads like solenoid valves. * **Short Circuit Protection:** To shut down the channel if the current exceeds the rated limit (usually 0.1A to 0.5A per point). --- ### Application Usage This module is primarily used to drive: 1. **Solenoid Valves:** For pneumatic or hydraulic control. 2. **Relay Coils:** To switch higher AC voltages. 3. **Signal Towers/Buzzers:** For industrial machine status indication.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per channel for this specific module?
    • ⤷ How does an NPN (Sink) output differ from a PNP (Source) output in wiring?
    • ⤷ Which PLC series or manufacturer is this module compatible with?