Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PP-331R-R

  • AI
    The **W2PP-331R-R** is a specific part number belonging to a series of **Power Inductors**, typically manufactured by companies like **Coilmaster Electronics**. These components are designed for high-efficiency power conversion and electromagnetic interference (EMI) filtering. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Parameter | Value / Description | | :--- | :--- | | **Component Type** | SMD Shielded Power Inductor | | **Inductance** | 330 µH (indicated by the "331" code) | | **Tolerance** | ±20% (standard for this series) | | **Core Material** | Ferrite / Metal Alloy (depending on the specific revision) | | **Shielding** | Magnetically Shielded (prevents interference with nearby circuits) | | **Mounting Type** | Surface Mount (SMD/SMT) | ### 2. Breakdown of the Part Number * **W2PP:** The series series designator (defines the footprint and construction). * **331:** The inductance value. The first two digits are significant figures, and the third is the multiplier (33 x 10¹ = 330). * **R:** Usually denotes the tolerance (often ±20%) or a specific mechanical revision. * **-R:** Generally signifies **RoHS Compliance** (Lead-free and environmentally friendly). ### 3. Key Electronic Functions 1. **Energy Storage:** It stores energy in a magnetic field during the "on" cycle of a switching regulator and releases it during the "off" cycle. 2. **Noise Suppression:** Acts as a low-pass filter to block high-frequency AC noise while allowing DC current to pass through. 3. **DC-DC Conversion:** It is a critical component in Buck (step-down) or Boost (step-up) converters to maintain steady output voltage. ### 4. Common Applications * **Power Supplies:** Used in VRM (Voltage Regulator Modules) for motherboards. * **Consumer Electronics:** Found in LED drivers, portable GPS units, and tablets. * **Telecommunications:** Used in base stations and networking hardware to manage power rails. --- ### 5. Physical Construction The "Shielded" nature of the W2PP series means the wire winding is encased in a magnetic material. This results in: * **Low DC Resistance (DCR):** Minimizes power loss as heat. * **Low Magnetic Leakage:** High-density PCB layouts can be achieved without the inductor interfering with sensitive signal traces nearby.
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the W2PP-331R-R?
    • ⤷ Can this inductor be used in high-temperature automotive environments?
    • ⤷ What are the physical dimensions/footprint of the W2PP series?