Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PP-332R-R2/N

  • AI
    The **W2PP-332R-R2/N** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specific type of **Common Mode Choke**, depending on the manufacturer's specific series (often associated with brands like *Walsin* or *Bourns* alternatives). Below is a detailed breakdown of its technical characteristics and electronic composition. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical properties: | Parameter | Value/Description | | :--- | :--- | | **Component Type** | Wire-wound Power Inductor / Filter | | **Inductance Value** | 3.3 µH (indicated by "332") | | **Tolerance** | ±20% (Typical for 'R' series) | | **Mounting Type** | Surface Mount (SMD) | | **RoHS Status** | Compliant (Lead-Free) | | **Termination** | Tin-plated (Sn) | ### 2. Physical Construction The "W2PP" series is built to handle high-frequency noise and power management. Its construction typically involves: * **Core Material:** Ferrite core, which provides high magnetic permeability and minimizes energy loss at high frequencies. * **Winding:** Precision copper wire winding to ensure low DC resistance (DCR). * **Shielding:** Usually magnetically shielded to prevent Electromagnetic Interference (EMI) with neighboring components on the PCB. * **Footprint:** Designed for automated pick-and-place assembly. ### 3. Key Electronic Functions This component serves three primary roles in a circuit: 1. **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Noise Suppression:** Acts as a low-pass filter to block high-frequency AC noise while allowing DC current to pass through. 3. **Current Smoothing:** Reduces ripple current in power supply outputs to provide a stable voltage to sensitive ICs. ### 4. Application Areas You will commonly find the W2PP-332R-R2/N in the following environments: * **Consumer Electronics:** Smartphones, tablets, and laptops. * **Power Modules:** Point-of-Load (POL) converters. * **Telecommunications:** Network hubs and routers where EMI shielding is critical. * **Automotive:** Infotainment systems and electronic control units (ECUs). --- ### 5. Identification Code Breakdown ```text W2PP - 332 - R - R2 / N | | | | | Series Induct. Tol. Pkg Lead-Free/Special ``` * **332:** The first two digits (33) are significant figures; the third (2) is the multiplier ($10^2$). $33 \times 10^2$ = 3,300 nH or **3.3 µH**.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for this specific inductor?
    • ⤷ Is there a direct equivalent from Murata or TDK for this part?
    • ⤷ How does the DCR of the W2PP-332R compare to unshielded inductors?