Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PP-913N-R2

  • AI
    The **W2PP-913N-R2** is a specialized electronic component, typically categorized as a high-frequency **Power Divider/Splitter** or a directional coupler component used in RF (Radio Frequency) and wireless communication systems. Below is a breakdown of its technical attributes and electronic characteristics. --- ### 1. General Specifications The "W2PP" series generally refers to Wilkinson-style power dividers designed for surface-mount applications. These parts are engineered to split an input signal into two or more output signals with specific phase and amplitude characteristics. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | RF Power Divider / Combiner | | **Configuration** | 2-Way 0° (In-phase) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Impedance** | 50 Ohms (Standard) | | **RoHS Status** | Compliant (indicated by -R2 suffix) | --- ### 2. Key Electronic Characteristics To understand how this part functions in a circuit, consider these four primary electronic metrics: #### A. Insertion Loss This represents the power lost when the signal passes through the device. In a theoretical 2-way splitter, there is a natural 3dB drop (half power); the "Insertion Loss" is any loss *beyond* that 3dB. #### B. Isolation The W2PP-913N-R2 is designed to keep the output ports isolated from one another. This prevents a reflected signal on Port 1 from interfering with the signal on Port 2. High isolation (typically >20dB) is critical for system stability. #### C. Phase and Amplitude Balance * **Phase Balance:** Ensures the two output signals are in sync (0-degree difference). * **Amplitude Balance:** Ensures the power is split exactly 50/50 between the two outputs. #### D. VSWR (Voltage Standing Wave Ratio) This measures how well the component's impedance matches the 50-ohm transmission line. A low VSWR (e.g., <1.3:1) indicates minimal signal reflection and high efficiency. --- ### 3. Pinout and Circuit Integration In a typical PCB layout, the W2PP-913N-R2 will feature the following connection points: * **Port S (Sum/Input):** Where the primary RF signal enters. * **Port 1 & 2 (Outputs):** Where the divided signals exit. * **Ground Pads:** Essential for thermal dissipation and RF shielding. ```mermaid graph LR In((Input)) --> P[W2PP-913N-R2] P --> Out1((Output 1)) P --> Out2((Output 2)) ``` --- ### 4. Common Applications * **Antenna Arrays:** Splitting a signal to feed multiple antenna elements. * **Signal Monitoring:** Tapping off a small portion of a signal for measurement without disrupting the main path. * **Power Combiners:** Using the device in reverse to combine two low-power signals into one higher-power output. * **Wireless Infrastructure:** Used in Base Stations, LTE, and 5G small cell hardware.
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency range (MHz/GHz) for the W2PP-913N-R2?
    • ⤷ Can this component be used as a power combiner as well as a splitter?
    • ⤷ What are the thermal management requirements for this SMD part?