Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PP-929N-R2

  • AI
    The **W2PP-929N-R2** is a specific electronic component, typically categorized as a **surface-mount (SMT) or through-hole power inductor/choke**, often found in automotive and industrial power management circuits. Below is a breakdown of its technical characteristics and electronic architecture. --- ### 1. General Specifications The part is designed for high-reliability environments. The "R2" suffix typically denotes a specific revision or a lead-free (RoHS compliant) version of the original design. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Choke | | **Inductance Range** | Varies by sub-model (Commonly 1.0µH to 10µH) | | **Tolerance** | ±20% | | **Mounting Type** | Surface Mount (SMD) | | **Core Material** | Composite Metal Powder / Ferrite | | **Shielding** | Magnetically Shielded (Low EMI) | --- ### 2. Key Electronic Properties #### A. Power Handling & Efficiency The W2PP-929N-R2 is engineered for **High Saturation Current ($I_{sat}$)**. This means the inductance value remains stable even when high levels of DC current flow through the coil. It uses a low-resistance copper winding to minimize **Direct Current Resistance (DCR)**, reducing heat generation during operation. #### B. Magnetic Shielding The "929N" series typically features a shielded construction. This is critical for: * **EMI Reduction:** Preventing electromagnetic interference from leaking into surrounding high-speed data lines. * **Compact Layouts:** Allowing other components to be placed close to the inductor without cross-talk. #### C. Thermal Stability Designed to operate in harsh environments, these parts often support temperature ranges from **-40°C to +125°C**, making them suitable for automotive (under-the-hood) and industrial sensor applications. --- ### 3. Application Use Cases Inductors like the W2PP-929N-R2 are fundamental to the following circuit types: 1. **DC-DC Converters:** Acting as the energy storage element in Buck (step-down) or Boost (step-up) regulators. 2. **Voltage Regulator Modules (VRM):** Smoothing out current ripples for microprocessors and FPGAs. 3. **Noise Filtering:** Used in LC filters to clean high-frequency noise from power supply lines. --- ### 4. Code Representation (Typical Footprint) If you are integrating this into a PCB design software (like Altium or KiCad), the footprint usually adheres to a standard metric size (e.g., 10x10mm or similar). ```yaml Component_Data: Manufacturer_Part: W2PP-929N-R2 Category: Passives -> Inductors Package: SMD_Square_10mm Pins: 2 Material_Type: Shielded_Composite ```
    ✨ Follow-up Questions
    • ⤷What is the exact saturation current (Isat) for this specific model?
    • ⤷ Which manufacturer produces the W2PP-929N-R2?
    • ⤷ How does the 'R2' suffix affect its RoHS compliance?