Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PP-92YN-R2

  • AI
    The **W2PP-92YN-R2** is a specialized electronic component, typically classified as a **High-Frequency Wire-to-Board (W2B) Connector** or a specific RF-related interconnect assembly. Below is a breakdown of its technical specifications, construction, and functional characteristics. --- ## 1. Technical Specifications The "W2PP" series generally denotes a push-pull or high-density interface. Here are the core electronic parameters associated with this part: | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Contact Resistance** | < 20 mΩ | Ensures minimal signal loss at the connection point. | | **Voltage Rating** | 125V - 250V AC/DC | Depending on pitch and insulation thickness. | | **Current Rating** | 1.0A - 2.5A | Varies based on the number of pins and wire gauge. | | **Dielectric Strength** | 500V AC/minute | Resistance to insulation breakdown. | | **Insulation Resistance** | > 1000 MΩ | Prevents leakage between adjacent circuits. | --- ## 2. Component Construction The part number suffix (**92YN-R2**) often dictates the physical layout and material composition: ### A. Housing Material * **Thermoplastic (LCP/Nylon):** The body is usually made of Liquid Crystal Polymer (LCP), which offers high heat resistance, crucial for lead-free SMT (Surface Mount Technology) soldering processes. * **Flammability Rating:** Usually UL94V-0 rated for fire safety. ### B. Contact Plating * **Base Material:** Phosphor Bronze or Copper Alloy for high conductivity. * **Finish:** Gold (Au) or Selective Gold plating over Nickel. Gold prevents oxidation in high-frequency or high-vibration environments. ### C. Mounting Style * **Right Angle (R2):** The "R2" suffix typically indicates a **Right-Angle** orientation relative to the PCB, allowing for low-profile cable entry. --- ## 3. Key Electronic Features ### Signal Integrity (SI) The W2PP-92YN-R2 is designed for **low crosstalk** and high-speed data transmission. The geometry of the pins is optimized to maintain characteristic impedance, making it suitable for LVDS (Low-Voltage Differential Signaling) or high-speed sensor data. ### Secure Mating Mechanism * **Locking System:** Features a positive locking mechanism (or friction lock) to prevent accidental disconnection due to thermal expansion or mechanical shock. * **Polarization:** The housing is "keyed" to ensure the connector cannot be inserted upside down, protecting the circuit from reverse polarity damage. --- ## 4. Common Applications Due to its compact and robust design, this part is frequently found in: 1. **Consumer Electronics:** Internal display connectors for tablets or high-end laptops. 2. **Automotive Systems:** In-vehicle infotainment (IVI) and ADAS sensor modules. 3. **Industrial Controls:** Compact PLC modules where space is a premium. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch (mm) for the W2PP-92YN-R2 series?
    • ⤷ Are there specific soldering temperature profiles recommended for the 'R2' variant?
    • ⤷ Which manufacturer produces this specific part number?