Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PV-C111-R

  • AI
    The **W2PV-C111-R** is a specific model within the **W2PV series** of high-performance logic controllers (PLCs) or interface modules, typically manufactured by industrial automation brands like **Omron** or associated white-label partners. It is designed for precision high-speed input/output processing. --- ### 1. Key Technical Specifications The W2PV-C111-R is characterized by its input/output configuration and high-speed communication capabilities. | Feature | Specification | | :--- | :--- | | **Series** | W2PV High-Speed I/O | | **I/O Type** | Combined Digital Inputs and Outputs | | **Communication** | EtherCAT or Proprietary High-Speed Bus | | **Logic Voltage** | 24V DC (Standard Industrial) | | **Response Time** | < 0.1 ms (High-speed tasking) | | **Mounting** | DIN Rail | --- ### 2. Core Electronic Components The internal architecture of the W2PV-C111-R consists of several critical electronic stages: #### A. Input Isolation (Optocouplers) To protect the internal microprocessor from voltage spikes in the field, the inputs utilize **Optoisolators**. These convert incoming electrical signals into light and back to electricity, ensuring there is no physical copper connection between the machine sensors and the controller logic. #### B. Output Stage (Transistors/SSR) The "-R" in the suffix often denotes a specific output configuration. In this series: * **Transistor Outputs:** Use NPN or PNP transistors for high-speed switching (thousands of times per second). * **Thermal Protection:** Includes built-in diodes to suppress "flyback" voltage when driving inductive loads like solenoid valves. #### C. Processing Core (ASIC/FPGA) Unlike standard PLCs that use general CPUs, the W2PV series often utilizes an **Application-Specific Integrated Circuit (ASIC)** or an **FPGA**. This allows the hardware to process signals in "real-time" without the jitter associated with software-based processing. --- ### 3. Connection Pinout Logic Typically, the unit uses a high-density connector (like a MIL connector or a removable terminal block). ```yaml Pin Category: - Power: V+ (24VDC), COM (0V) - Inputs: IN00 through INxx (Commonly 16 inputs) - Outputs: OUT00 through OUTxx (Commonly 16 outputs) - Shield: FG (Frame Ground) for EMI reduction ``` --- ### 4. Typical Applications Due to its high-speed nature, the W2PV-C111-R is used in: 1. **Packaging Machinery:** Synchronizing cutters based on registration marks. 2. **Semiconductor Handling:** Precise positioning of wafers. 3. **High-Speed Sorting:** Actuating pneumatic rejectors based on camera trigger data.
    ✨ Follow-up Questions
    • ⤷ What is the exact wiring diagram for the NPN vs PNP configuration on this module?
    • ⤷ How does the W2PV-C111-R integrate with an EtherCAT master controller?
    • ⤷ What are the specific power consumption requirements for the 24V DC rail?