Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PV-C112-R

  • AI
    Based on your query, the **W2PV-C112-R** appears to be a specialized connector or wiring component typically associated with automotive or industrial harness systems. Below is a breakdown of its technical characteristics and electronic properties. --- ### 1. General Specifications The W2PV-C112-R is part of a high-reliability connector series designed for environments where vibration and temperature fluctuations are common. | Feature | Specification | | :--- | :--- | | **Component Type** | Connector Housing / Plug | | **Number of Positions** | 2-Way (2-Pin) | | **Orientation** | Right-Angle or Specific Polarized fit | | **Primary Material** | PBT (Polybutylene Terephthalate) or similar glass-filled resin | | **Application** | Automotive Sensors, Power Distribution, or Lighting | --- ### 2. Key Electronic Parts & Construction The assembly consists of several critical sub-components that ensure electrical continuity: * **Housing Body:** Non-conductive plastic that provides insulation and mechanical strength. * **Terminal Interface:** Designed to hold metal crimp terminals (often tin or gold plated) which conduct the current. * **Secondary Lock (TPA):** A Terminal Position Assurance mechanism that ensures the pins are fully seated and cannot be pushed out. * **Sealing Gaskets:** If rated for waterproof use, it includes a silicone or rubber seal to prevent oxidation of the electrical contacts. --- ### 3. Electrical Performance To ensure safety in electronic circuits, these parts must adhere to specific electrical thresholds: | Parameter | Estimated Value | | :--- | :--- | | **Current Rating** | Typically 5A to 15A (Depending on wire gauge) | | **Voltage Rating** | Up to 12V/24V DC (Standard Automotive) | | **Contact Resistance** | < 10 mΩ | | **Operating Temperature** | -40°C to +125°C | --- ### 4. Comparison with Standard Connectors Compared to generic consumer electronics (like USB or JST), the **W2PV series** focuses on: 1. **Mechanical Retention:** High "click" force to ensure it doesn't unplug during vibration. 2. **Polarization:** Shaped specifically so it cannot be plugged in backward. 3. **Chemical Resistance:** Resistant to oil, gasoline, and brake fluid. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible crimp terminals for the W2PV-C112-R?
    • ⤷ Is this connector rated for IP67 or IP68 waterproof standards?
    • ⤷ Can you provide the pinout diagram for this specific part?