Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PV-C1SA2-R/

  • AI
    The **W2PV-C1SA2-R** is a specific part number belonging to the **W2PV series** of high-power, high-frequency coaxial connectors, typically used in automotive and industrial communication systems. Below is a detailed breakdown of its electronic and mechanical characteristics. --- ### 1. Component Overview This component is a **Fakra-compatible** (or similar high-speed data) connector designed for printed circuit board (PCB) mounting. It is primarily used to transmit Radio Frequency (RF) signals. ### 2. Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Connector Type** | Coaxial / RF Connector | | **Series** | W2PV | | **Mounting Type** | Through-hole or Surface Mount (depending on PCB layout) | | **Orientation** | Right-Angle (RA) | | **Impedance** | 50 Ohms (Standard for RF) | | **Frequency Range** | Typically DC to 6 GHz | | **Housing Material** | High-temperature thermoplastic (PA6T/LCP) | | **Contact Plating** | Gold or Tin over Nickel | ### 3. Key Electronic Characteristics * **Signal Integrity:** Designed to minimize Insertion Loss (IL) and Return Loss (RL) in high-speed data environments (e.g., GPS, LVDS, or 4G/5G antennas). * **EMI Shielding:** The metal housing provides a grounded shield to protect the signal from Electromagnetic Interference (EMI) and prevent the connector from radiating noise. * **Voltage Rating:** Usually rated for low voltage signal transmission (approx. 60V - 100V AC). * **Mechanical Coding:** The "C" in the part number often refers to the **Coding/Keying**. In Fakra-style connectors, different colors and mechanical keys prevent incorrect mating (e.g., Blue for GPS, Bordeaux for GSM). ### 4. Applications This part is commonly found in the following electronic modules: 1. **Automotive Infotainment:** Connection to radio and satellite antennas. 2. **ADAS (Advanced Driver Assistance Systems):** High-speed camera data transmission. 3. **Telematics:** LTE/5G connectivity modules. 4. **Wireless Gateways:** Industrial IoT devices requiring external antenna connections. ---
    ✨ Follow-up Questions
    • ⤷What is the specific mechanical coding color for the C-type variant?
    • ⤷ What are the soldering requirements for the W2PV-C1SA2-R?
    • ⤷ Is this connector compatible with standard Fakra II or III specifications?