Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PV-C2S22-R

  • AI
    The **W2PV-C2S22-R** is a specific model within a series of industrial-grade ethernet switches or communication modules (often associated with brands like **ORing** or similar industrial networking providers). Below is a breakdown of its electronic components, specifications, and architecture based on standard industrial networking hardware design. --- ### 1. Key Technical Specifications The model name typically follows a nomenclature that defines its hardware configuration: | Component | Specification | Description | | :--- | :--- | :--- | | **Connectivity** | 10/100/1000 Base-T(X) | High-speed Ethernet ports for industrial data. | | **Fiber Support** | SFP Slots | Allows for Long-haul communication via fiber optic modules. | | **Power Input** | Redundant DC Inputs | Dual power terminals to prevent downtime during power failure. | | **Mounting** | DIN-Rail / Wall Mount | Standard industrial mounting hardware. | | **Operating Temp** | -40°C to 75°C | Hardened electronics for extreme environments. | --- ### 2. Internal Electronic Parts Analysis The internal circuitry of a device like the W2PV-C2S22-R is composed of several critical subsystems: #### A. Networking Chipset (The "Brain") * **Switching Fabric:** Typically utilizes a **Marvell** or **Broadcom** industrial SoC (System on Chip) that handles Layer 2 switching, VLAN tagging, and Quality of Service (QoS). * **PHY (Physical Layer):** Discrete transceiver chips that manage the electrical signals between the RJ45 ports and the main processor. #### B. Power Management System * **Voltage Regulators:** High-efficiency DC-DC buck converters to step down industrial voltages (e.g., 12-48VDC) to logic levels (3.3V or 1.2V). * **Isolation Transformers:** Found near the Ethernet ports to provide galvanic isolation, protecting the internal electronics from surges or ground loops. * **Reverse Polarity Protection:** Diodes or MOSFET circuits to prevent damage if the power leads are connected incorrectly. #### C. Memory Components * **EEPROM/Flash:** Stores the device's firmware and configuration settings. * **RAM:** High-speed buffer memory used for packet switching and managing the MAC address table. #### D. Protection & Filtering * **TVS Diodes:** Transient Voltage Suppressors to protect against Electrostatic Discharge (ESD). * **Magnetic Modules:** Integrated or discrete magnetics (transformers) for signal conditioning on copper ports. --- ### 3. Connection Interface Layout The physical interface consists of the following electronic headers: ```yaml Front Panel: - [2] SFP Slots (100/1000Base-X) - [2] RJ45 Ports (10/100/1000Base-T) - [LEDs] Power, Link/Act, Speed indicators Top/Bottom: - [Terminal Block] 6-pin for Power Inputs and Relay Output - [DIP Switches] For hardware-based Alarms or Port settings ``` --- ### 4. Use Case Scenarios Due to its rugged electronic design, this part is used in: 1. **Smart Grids:** Monitoring electrical substations. 2. **Traffic Control:** Managing IP cameras and sensors in outdoor cabinets. 3. **Manufacturing:** Connecting PLCs (Programmable Logic Controllers) on the factory floor.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power consumption for the W2PV-C2S22-R?
    • ⤷ Does this model support Power over Ethernet (PoE) functionality?
    • ⤷ What are the specific SFP modules compatible with this device?