Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PV-C321-R/Q

  • AI
    The **W2PV-C321-R/Q** refers to a high-performance **Brushless DC (BLDC) motor** assembly, typically used in automotive cooling systems (such as radiator fans). These units are sophisticated mechatronic systems that integrate mechanical components with complex electronic control circuitry. --- ## 1. Electronic Architecture The electronic portion of the W2PV-C321-R/Q consists of an integrated **Electronic Control Unit (ECU)** located within the motor housing. | Component | Function | | :--- | :--- | | **Power Stage (MOSFETs)** | High-current switches that commute the phases of the BLDC motor. | | **Microcontroller (MCU)** | The "brain" that processes PWM signals and manages motor timing. | | **Gate Drivers** | Interfaces between the low-voltage MCU and high-power MOSFETs. | | **Protection Circuitry** | Prevents damage from over-voltage, over-current, and reverse polarity. | --- ## 2. Key Technical Specifications Based on standard automotive fan module configurations, the electronic parameters typically include: * **Operating Voltage:** 9V to 16V DC (Standard 12V automotive systems). * **Control Interface:** **PWM (Pulse Width Modulation)**. This allows the vehicle's engine control unit to vary the fan speed linearly rather than just "On/Off." * **Feedback Signal:** Often provides a Tacho (Frequency) output to tell the car's computer the actual RPM of the fan. * **Quiescent Current:** Extremely low power consumption when the vehicle is off to prevent battery drain. --- ## 3. Communication Logic The device utilizes a 3-wire or 4-wire interface: 1. **VCC (+):** Main power supply from the battery/fuse box. 2. **GND (-):** Chassis ground. 3. **PWM Input:** Logic signal (usually 100Hz - 500Hz) where the duty cycle determines speed. 4. **Diagnostic/Tacho (Optional):** Sends pulses back to the ECU to report health or speed. --- ## 4. Operational Safety Features The embedded electronics are designed to survive the harsh "under-the-hood" environment: ```cpp // Logic flow for electronic protection: if (Current > Max_Limit) { Trigger_Soft_Shutdown(); // Over-current protection } if (Temperature > 120C) { Reduce_Power_Output(); // Thermal derating } if (Voltage < 9V) { Enter_Sleep_Mode(); // Under-voltage lockout } ``` ---
    ✨ Follow-up Questions
    • ⤷What are the pinout definitions for the W2PV-C321-R/Q connector?
    • ⤷ How do I test this fan module using a function generator?
    • ⤷ What is the typical PWM frequency range for this specific motor?