Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PV-C32B-R

  • AI
    The **W2PV-C32B-R** is a specific industrial control component, typically identified as a **Programmable Logic Controller (PLC) Output Module** or an **I/O Terminal Block** within industrial automation ecosystems (often associated with brands like OMRON or compatible interface systems). --- ### ## Technical Specifications Below is a breakdown of the primary electronic characteristics of the W2PV-C32B-R: | Feature | Specification | | :--- | :--- | | **Type** | Power Relay Terminal / Output Module | | **I/O Points** | 32 Channels (B-type usually indicates density/layout) | | **Connection Type** | MIL Connector (Flat cable input) | | **Internal Logic** | NPN / PNP compatible (depending on wiring) | | **Rated Voltage** | 24V DC | | **Mounting** | DIN Rail Mountable | --- ### ### Key Electronic Components The device functions as an interface between low-power logic signals and high-power field devices. Its internal structure consists of: 1. **Optical Isolation (Optocouplers):** Protects the master PLC's CPU from voltage spikes or electrical noise originating from the field side. 2. **Driving Transistors:** Switches the 24V DC load based on the input signal from the controller. 3. **Protection Diodes (Flyback Diodes):** Integrated across the outputs to prevent damage from inductive back-EMF when switching motors or solenoid valves. 4. **Status LEDs:** Miniature surface-mount LEDs used for real-time visual diagnostics of each of the 32 channels. --- ### ### Typical Wiring Configuration The unit usually features a high-density ribbon cable connector for the PLC side and screw terminals for the field side. ```yaml Pinout Logic: - VCC/COM: Common power supply line (24VDC) - SIG 00-31: Individual control signals - GND: Reference ground ``` --- ### ### Application Use Cases * **Solenoid Valve Manifolds:** Controlling pneumatic banks in assembly lines. * **Signal Towers:** Driving multi-layer "Stack Lights" for machine status. * **Relay Driving:** Acting as an intermediate stage to trigger high-current AC contactors.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per channel for the W2PV-C32B-R?
    • ⤷ Is this module compatible with both NPN and PNP PLC outputs?
    • ⤷ What type of connector is required for the 32-point input side?