Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2RS-021-R

  • AI
    The **W2RS-021-R** is an electronic component primarily classified as a **High-Current Rotary Switch**. These components are often utilized in industrial controls, power distribution panels, and heavy-duty appliances where high amperage switching is required. Below is a detailed breakdown of its specifications and features. --- ### 1. General Specifications The "W2RS" series is known for its robust mechanical design and high electrical ratings. | Feature | Specification | | :--- | :--- | | **Component Type** | Rotary Cam Switch / Changeover Switch | | **Max Current Rating** | Typically 20A - 25A (depending on thermal rating) | | **Voltage Rating** | Up to 600V AC | | **Number of Poles** | 2 Poles | | **Switching Positions** | 2 Positions (usually 0-1 or 1-2) | | **Contact Material** | Silver Alloy (for high conductivity and oxidation resistance) | | **Mounting Type** | Panel Mount / Screw Terminals | --- ### 2. Key Electronic Features * **Cam-Operated Mechanism:** Unlike small electronics toggles, this switch uses internal cams to push contact blocks open or closed. This allows for high contact pressure and reliable switching of inductive loads. * **Terminal Design:** It features heavy-duty screw terminals designed to accept thick gauge wiring (typically 12AWG to 10AWG) necessary for carrying high currents without overheating. * **Insulation Resistance:** Designed with high-grade plastic polymers to ensure high dielectric strength between the terminals and the mounting panel. * **Rotational Angle:** Usually operates on a 60° or 90° throw between positions to provide clear tactile feedback and prevent accidental switching. --- ### 3. Applications Due to its high current handling, the W2RS-021-R is commonly found in: 1. **Motor Control:** Starting or reversing small AC motors. 2. **Power Selection:** Switching between "Main Power" and "Generator Power." 3. **Industrial Machinery:** Emergency bypass or mode selection (Manual/Auto). 4. **HVAC Systems:** High-power fan speed control. --- ### 4. Wiring Diagram Representation The internal schematic usually follows a simple bridge or disconnect logic: ```text Position 1 (Off/0): (1) --| |-- (2) [Open] (3) --| |-- (4) [Open] Position 2 (On/1): (1) ------- (2) [Closed] (3) ------- (4) [Closed] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact NEMA or IP rating for this switch's front panel protection?
    • ⤷ Can this switch be used for DC voltage applications
    • ⤷ and if so
    • ⤷ what is the derated current?
    • ⤷ Does the 'R' suffix indicate a specific handle type or a return-to-center spring mechanism?