Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2RS-031-R

  • AI
    The **W2RS-031-R** is an electronic component primarily classified as a **Precision Wirewound Resistor**, specifically part of the W20 series (often manufactured by Welwyn/TT Electronics). These resistors are designed for power applications where high stability and reliability are required. --- ### 1. Key Technical Specifications The following table outlines the core electronic characteristics of the W2RS-031-R: | Feature | Specification | | :--- | :--- | | **Resistor Type** | Wirewound | | **Resistance Value** | 0.031 Ohms ($\Omega$) | | **Power Rating** | Approximately 3 Watts (at 25°C) | | **Tolerance** | Typically $\pm$5% (Standard for R-series) | | **Temperature Coefficient** | $\pm$75 to $\pm$100 ppm/°C | | **Construction** | Ceramic core with resistive wire and vitreous enamel coating | | **Mounting Type** | Through-hole (Axial leads) | --- ### 2. Functional Components * **Resistive Element:** Uses a high-quality alloy wire wound around a high-purity ceramic substrate. The "031" signifies the low resistance value, making it suitable for current sensing. * **Encapsulation:** Coated with a flameproof vitreous enamel or silicone. This protects the wire from moisture, oxidation, and mechanical stress. * **Termination:** Features tin-plated copper leads for secure soldering on Printed Circuit Boards (PCBs). --- ### 3. Common Applications Due to its low resistance and power handling capabilities, this part is typically used in the following scenarios: 1. **Current Sensing:** Measuring current by monitoring the voltage drop across the resistor ($V = I \times R$). 2. **Inrush Current Limiting:** Protecting sensitive circuits from sudden surges of electricity during startup. 3. **Voltage Dividers:** Used in power supply units where high-wattage stability is necessary. 4. **Feedback Loops:** Providing stable reference points in industrial control systems. --- ### 4. Advantages and Limitations * **Pros:** High pulse handling capability, excellent thermal stability, and long-term reliability under load. * **Cons:** Higher inductance compared to thin-film resistors (due to the wire coils), making it less suitable for high-frequency RF applications.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the W2RS series?
    • ⤷ How does a wirewound resistor compare to a metal film resistor in power handling?
    • ⤷ Can this resistor be used in high-frequency switching power supplies?