Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2RS-032-R

  • AI
    The **W2RS-032-R** is typically associated with high-density interface modules, specifically **Relay Terminal Blocks** or **Interface Board Assemblies** often used in industrial automation (such as PLC systems). Below is an overview of its electronic parts and specifications. --- ### 1. General Specifications The W2RS series is designed to bridge the gap between high-level control signals (from a PLC or Controller) and high-power field devices. | Feature | Specification (Typical) | | :--- | :--- | | **I/O Points** | 32 Channels | | **Input Type** | NPN / PNP (Universal or selectable) | | **Rated Voltage** | 24V DC | | **Relay Type** | Electromechanical or Solid State (Model dependent) | | **Mounting** | DIN Rail (35mm) | | **Wiring Method** | Screw terminal or Tension clamp | --- ### 2. Key Electronic Components The module is composed of several critical electronic sub-parts: #### A. Relays (The Switching Heart) * **Function:** Provides galvanic isolation between the control circuit and the load. * **Rating:** Usually rated for 2A to 5A at 250VAC/30VDC. * **Design:** These are often "Plug-in" relays, allowing for easy replacement without desoldering if a specific channel fails. #### B. Flyback Diodes (Protection) * **Function:** Connected in parallel with the relay coils. * **Purpose:** To suppress the inductive voltage spikes (back EMF) generated when the relay coil is de-energized, protecting the upstream PLC transistors from damage. #### C. LED Status Indicators * **Function:** Visual diagnostic tools. * **Details:** One LED per channel (usually green or red) to indicate whether the specific relay is energized. #### D. Connection Interfaces * **Terminal Blocks:** Used for field wiring (the "R" often denotes screw-type terminals). * **MIL Connector / Ribbon Cable Header:** A high-density connector (often 40-pin) used to connect the entire 32-point board to a PLC using a single pre-made cable. --- ### 3. Circuit Block Diagram Representation ```mermaid graph LR A[PLC/Controller] --> B[MIL 40-Pin Header] B --> C[Internal PCB Traces] C --> D[Relay Coil & LED] D --> E[Flyback Diode] D --> F[Field Output Terminals] F --> G[Actuators/Motors/Solenoids] ``` --- ### 4. Technical Advantages 1. **Space Saving:** Consolidates 32 individual relays into a single compact footprint. 2. **Maintenance:** Includes a "Relay Removal Tool" usually clipped to the side of the housing. 3. **Polarity Flexibility:** Most W2RS models feature a common jumper that allows for switching between NPN and PNP logic by changing a single wire or jumper position. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating per channel for the W2RS-032-R?
    • ⤷ How do I wire a 40-pin MIL connector to this module?
    • ⤷ Can the relays on this board be replaced with Solid State Relays (SSR)?