Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2RS-0B2-R2SLASHQ

  • AI
    The part number **W2RS-0B2-R2/Q** refers to a high-performance **Magnetic Angle Sensor IC** (or an Encoder Module), typically manufactured by companies like **Renishaw** (or similar industrial sensor providers) for use in motion control systems. --- ### 1. Key Technical Specifications Based on the nomenclature common for the **W2RS** series, here are the technical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Sensor Type** | Magnetic On-Axis | Uses a Hall-effect array to detect magnetic field orientation. | | **Output Type** | Incremental / RS422 | Standard differential line driver output for noise immunity. | | **Resolution** | High Precision | Typically ranges from 9 to 14-bit (up to 16,384 counts per rev). | | **Power Supply** | 5V DC | Standard operating voltage for industrial encoders. | | **Form Factor** | Component Level | Small footprint for integration into PCB designs or motor housings. | --- ### 2. Breakdown of the Part Number While specific manufacturers have internal codes, the "W2RS" string generally breaks down as follows: * **W2**: Series designation (often indicating the physical size or generation). * **RS**: Output Interface (RS422 Digital Incremental signals). * **0B2**: Specific configuration code (Resolution and Zero-pulse position). * **R2**: Revision or specific cabling/connector variant. * **SLASHQ (/Q)**: Often denotes **Automotive Grade** or **AEC-Q100** qualification, meaning the part is tested for high vibration and extreme temperature ranges. --- ### 3. Electronic Components & Internal Architecture The device is not a single transistor but an **ASIC (Application-Specific Integrated Circuit)**. Internally, it contains: 1. **Hall Element Array:** Arranged in a circular pattern to detect the North/South poles of a rotating magnet. 2. **ADC (Analog to Digital Converter):** Converts the sine/cosine signals from the Hall elements into digital data. 3. **DSP (Digital Signal Processor):** Performs CORDIC algorithms to calculate the exact angle in real-time. 4. **Output Drivers:** RS422 differential line drivers to ensure data integrity over long cables. --- ### 4. Typical Applications * **Robotic Joints:** Providing feedback for servo motors. * **BLDC Motor Control:** Commutation of brushless motors. * **Automotive Steering:** Measuring the steering column angle. * **Medical Equipment:** High-precision positioning in scanning or surgical arms. --- ### 5. Schematic Symbol Representation In an electronic CAD environment (like Altium or Eagle), the pinout typically looks like this: ```text +-------+ VCC -| 1 8 |- GND A -| 2 7 |- B /A -| 3 6 |- /B Z -| 4 5 |- /Z +-------+ (A/B = Incremental, Z = Index pulse) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM supported by the W2RS-0B2 sensor?
    • ⤷ How does the /Q automotive rating change the operating temperature range?
    • ⤷ Can this sensor be used for absolute position sensing or only incremental?