Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2RS-3AB-R2

  • AI
    The **W2RS-3AB-R2** is a high-performance **RS-232/RS-485/RS-422 to Fiber Optic Modem** designed for industrial data communication. It acts as a bridge, converting electrical serial signals into optical signals for long-distance, interference-free transmission. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Serial Interfaces** | RS-232, RS-422, RS-485 (2-wire/4-wire) | | **Fiber Type** | Single-mode or Multi-mode (typically Single-mode for "R2") | | **Transmission Distance** | Up to 20km (standard) or 40-60km (optional) | | **Wavelength** | 1310nm / 1550nm | | **Baud Rate** | 300 bps to 115.2 kbps (Auto-sensing) | | **Connector Type** | SC or ST Fiber Connectors; Terminal Block for Serial | | **Power Input** | 9-36V DC (Industrial Grade) | --- ### 2. Internal Electronic Architecture The device consists of several critical subsystems that manage signal integrity and conversion: #### A. Interface Transceivers * **RS-232 Level Shifters:** Converts standard RS-232 levels (+/- 12V) to TTL logic. * **RS-485/422 Differential Drivers:** Uses high-speed differential transceivers to ensure noise immunity on the electrical side. #### B. The Optical Engine * **Laser Diode (TX):** Converts the electrical TTL signal into light pulses. * **Photo Detector (RX):** Receives incoming light pulses and converts them back into electrical current. * **WDM (Wave Division Multiplexing):** Often used in the "R2" variant to allow bi-directional communication over a single fiber strand. #### C. Control & Isolation * **Auto-Direction Control:** A logic circuit that senses data flow on the RS-485 line to automatically switch between transmit and receive modes without hardware flow control. * **Galvanic Isolation:** High-speed optocouplers or magnetic isolators protect the internal circuitry from ground loops and surges (typically up to 2kV). --- ### 3. Connection Pinout (Serial Side) The serial connection is usually handled via a 5 or 10-pin screw terminal block: ```text Pin | Label | Function ----|-------|-------------------------- 1 | T+ | RS-422 Transmit + / RS-485 + 2 | T- | RS-422 Transmit - / RS-485 - 3 | R+ | RS-422 Receive + 4 | R- | RS-422 Receive - 5 | GND | Signal Ground ``` --- ### 4. Application Scenarios 1. **Industrial Automation:** Connecting PLCs to remote sensors across a factory floor where EMI (Electromagnetic Interference) is high. 2. **Power Utilities:** Communicating with substations where high voltage makes copper wiring dangerous or unreliable. 3. **Surveillance:** Extending RS-485 PTZ (Pan-Tilt-Zoom) camera controls over several kilometers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between single-mode and multi-mode versions of this modem?
    • ⤷ How do I configure the DIP switches for RS-485 2-wire mode?
    • ⤷ What is the maximum surge protection rating for the serial ports?