Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2RS-3B2-R

  • AI
    The **W2RS-3B2-R** is a specific model within the **W2RS series of remote I/O terminal modules**, typically manufactured by companies like **Wago** or **M-System (MG CO., LTD.)**. These devices are designed to facilitate communication between field signals and a central control system (like a PLC or PC) over a network. Below is a breakdown of its electronic components and technical specifications. --- ### 1. General Specifications The W2RS series generally functions as a **Modbus/RTU** or **RS-485** remote I/O module. The "3B2" suffix defines its specific I/O configuration. | Feature | Specification | | :--- | :--- | | **Model Type** | Remote I/O Terminal | | **Communication Protocol** | RS-485 (Modbus RTU) | | **I/O Configuration** | 2-channel RTD (Resistance Temperature Detector) Input | | **Isolation** | Input to Output to Power (Galvanic Isolation) | | **Power Supply** | 24V DC (Standard) | --- ### 2. Key Electronic Parts & Functionality #### A. Input Circuit (Sensor Interface) * **RTD Support:** Designed specifically for temperature sensors such as Pt100 or Pt1000. * **A/D Converter:** High-resolution Analog-to-Digital converters (usually 16-bit) to transform resistance values into digital data. * **Excitation Current:** Internal circuitry provides a small constant current to the RTD to measure voltage drop without self-heating the sensor. #### B. Isolation Barrier * **Optocouplers/Transformers:** To protect the RS-485 network and power supply from high-voltage surges or noise coming from the field sensors. * **Dielectric Strength:** Typically rated for 2000V AC for 1 minute. #### C. Communication & Processing * **Microcontroller (MCU):** Manages data conversion, linearizes the RTD signal, and handles the Modbus protocol stack. * **RS-485 Transceiver:** A physical layer chip (like the MAX485 or similar) that manages differential signaling for long-distance communication. #### D. Connection Terminals * **M3 Screw Terminals:** Standard industrial interface for secure wire clamping. * **LED Indicators:** Usually features Power (PWR), Run (RUN), and Communication (COM) status LEDs. --- ### 3. Wiring Configuration (RTD Input) The "3B2" designation usually implies a **3-wire** RTD connection for **2 channels**. | Terminal No. | Function | Description | | :--- | :--- | :--- | | **1 - 3** | Channel 1 | A, B, b terminals for RTD 1 | | **4 - 6** | Channel 2 | A, B, b terminals for RTD 2 | | **7 - 8** | RS-485 | TR+ and TR- (Data lines) | | **9 - 10** | Power | +24V DC and 0V | --- ### 4. Application Use-Case The W2RS-3B2-R is used in environments where temperature data needs to be collected over a long distance. By converting the analog RTD signal to a digital RS-485 signal at the source, it reduces the impact of electromagnetic interference (EMI) that would otherwise affect long analog cable runs.
    ✨ Follow-up Questions
    • ⤷ What are the specific Modbus register addresses for reading temperature from this module?
    • ⤷ How do I configure the baud rate and station address for the W2RS-3B2-R?
    • ⤷ Does this model support 4-wire RTD configurations or only 3-wire?