Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2RS-441-R2

  • AI
    The **W2RS-441-R2** is a specialized electronic module, typically associated with industrial automation and control systems (often part of the Fuji Electric or similar programmable controller ecosystems). It serves as a **Relay Terminal Board** or an **Interface Module**. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. General Specifications The W2RS-441-R2 is designed to bridge the gap between low-power control signals (from a PLC) and high-power field devices (motors, valves, or actuators). | Feature | Description | | :--- | :--- | | **Component Type** | Relay Interface Terminal / Slim Relay Board | | **Number of Points** | 4-Point (indicated by the '4' in the model name) | | **Input Voltage** | Typically 24V DC (Standard for PLC Logic) | | **Output Type** | Relay Contact (Mechanical) | | **Mounting** | DIN Rail (Standard 35mm) | --- ### 2. Key Electronic Components The module consists of several internal electronic parts that ensure safe and efficient signal switching: #### A. Electromagnetic Relays * **Function:** These are the primary switching elements. When the PLC sends a signal, the relay coil energizes, closing a mechanical contact. * **Isolation:** Provides "Galvanic Isolation" between the control circuit and the load circuit, protecting the PLC from voltage spikes. #### B. Flyback Diodes (Freewheeling Diodes) * **Purpose:** Placed across the relay coils. * **Electronic Role:** When the relay is turned off, the magnetic field collapses, creating a high-voltage spike. The diode dissipates this energy to prevent damage to the driving transistors in the PLC. #### C. LED Status Indicators * **Visual Feedback:** Usually includes small SMD LEDs (often green or red) to indicate the "ON/OFF" status of each individual channel. #### D. Terminal Blocks * **Interface:** Screw-type or push-in terminals designed for industrial wiring. These are rated for specific current capacities (usually up to 5A or 10A depending on the relay type). --- ### 3. Connection Schematic Logic The electronic layout follows a specific signal path: 1. **Input Side:** 24V DC signal enters through a multi-pin connector or terminal block. 2. **Logic Processing:** The signal passes through the LED and the protection diode. 3. **Coil Activation:** The relay coil is energized. 4. **Output Side:** The "Common" (COM) and "Normally Open" (NO) contacts close, completing the circuit for the external device (e.g., a 220V AC solenoid). --- ### 4. Comparison of Advantages | Advantage | Electronic Benefit | | :--- | :--- | | **Space Saving** | Slim design allows for high-density wiring in control panels. | | **Replaceability** | Most R2 models allow for individual relays to be unplugged and replaced if they reach their cycle limit. | | **Safety** | High dielectric strength prevents high-voltage leakage into the control logic. | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum contact current rating for the W2RS-441-R2 relays?
    • ⤷ How do I wire a PLC to the input pins of this module?
    • ⤷ Are there specific replacement relay part numbers for this board?