Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2RS-4B2-R2

  • AI
    The **W2RS-4B2-R2** is a specific part number typically associated with **Relay Terminal Modules** (often manufactured by companies like OMRON or WAGO, or used in industrial PLC interface systems). These modules are designed to bridge the gap between low-power control signals (from a PLC/Microcontroller) and high-power industrial loads. Below is a breakdown of its electronic composition and technical specifications. --- ## 1. Core Component Breakdown The module is not a single component but an assembly of several electronic parts integrated onto a DIN-rail mountable PCB. | Component | Function | | :--- | :--- | | **Electromagnetic Relays** | The switching heart of the device. Typically 4 independent channels. | | **Flyback Diodes** | Protects the driving circuit from voltage spikes when the relay coil de-energizes. | | **LED Indicators** | Visual feedback showing the ON/OFF status of each specific channel. | | **Terminal Blocks** | Screw or push-in connectors for secure industrial wiring (Input/Output). | | **Varistors (Optional)** | Surge protection for the contact side to prevent arcing. | --- ## 2. Technical Specifications Based on the standard nomenclature for the **W2RS** series, here are the electronic characteristics: ### A. Input (Coil) Side * **Channels:** 4 (Independent control). * **Rated Voltage:** Usually **24V DC** (Common in industrial automation). * **Power Consumption:** Low wattage, designed to be driven directly by PLC transistors. ### B. Output (Contact) Side * **Configuration:** 1c (SPDT - Single Pole Double Throw) or 1a (SPST-NO). * **Max Switching Voltage:** 250V AC / 30V DC. * **Max Switching Current:** Typically 5A to 10A per channel (depending on the specific relay mounted). --- ## 3. Circuit Logic The "R2" suffix often denotes the specific wiring polarity or the type of relay socket used. In these modules, the internal circuitry usually follows this logic: ```c [PLC Output] --> [Internal Optocoupler/Transistor] --> [Relay Coil] --> [LED Indicator] | [Protection Diode] ``` ### Key Electronic Features: 1. **Galvanic Isolation:** The mechanical nature of the relay ensures that the high-voltage load side is physically separated from the sensitive 24V control logic. 2. **Modular Replacement:** The "R2" series often allows for individual relays to be replaced without unsoldering, using a plug-in socket system. 3. **Common Terminal Options:** These modules often feature a "Shorting Bar" or "Common" jumper to simplify wiring when multiple loads share a single power source. --- ## 4. Application Wiring When integrating the W2RS-4B2-R2, the electronic interface follows a standard pattern: * **CN1 (Input):** Connects to the PLC Output Card. * **Terminals 1-4:** Output contacts connected to motors, solenoids, or heaters. * **VCC/GND:** External power supply to energize the relay coils. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the W2RS-4B2-R2 relays?
    • ⤷ Does this model support NPN or PNP logic for the input triggers?
    • ⤷ What are the specific dimensions for DIN-rail mounting this module?