Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2RS-4DB-R2

  • AI
    The **W2RS-4DB-R2** is a specialized RS-422/485 communication module typically associated with industrial automation systems, specifically designed for interfacing with programmable logic controllers (PLCs) or industrial PCs. --- ### ## Technical Overview This module serves as a bridge for serial communication, allowing high-speed data exchange over long distances while providing electrical isolation to protect sensitive circuitry. ### ### Key Specifications | Component/Feature | Specification | | :--- | :--- | | **Interface Type** | RS-422 / RS-485 (4-wire/2-wire) | | **Channels** | 4-Channel isolated communication | | **Baud Rate** | Up to 115.2 kbps (typical for R2 series) | | **Isolation** | Photo-coupler isolation (protects against surges) | | **Mounting** | DIN Rail or Surface mount | | **Connector Type** | D-sub 9-pin or Terminal Block (depending on sub-revision) | --- ### ## Internal Electronic Components The "Electronic Parts" within the W2RS-4DB-R2 are engineered for reliability in harsh environments. They include: 1. **Optical Isolators (Photo-couplers):** * **Function:** These parts convert electrical signals into light and back to electricity. * **Purpose:** This prevents high-voltage spikes on the communication line from damaging the internal CPU of the PLC. 2. **Transceiver ICs (e.g., MAX485 or similar):** * **Function:** Manages the differential signaling required for RS-422/485. * **Purpose:** Ensures high noise immunity over long cable runs (up to 1.2km). 3. **DC/DC Converters:** * **Function:** Provides isolated power to the communication side of the board. * **Purpose:** Ensures that the "ground" of the communication line is completely separate from the system power ground. 4. **Termination Resistors:** * **Function:** Internal resistors (often selectable via DIP switches). * **Purpose:** Prevents signal reflection on the transmission line. --- ### ## Typical Wiring Configuration ```mermaid graph LR A[Master PLC] <--> B[W2RS-4DB-R2 Module] B <--> C[Device 1: Inverter] B <--> D[Device 2: Sensor] B <--> E[Device 3: HMI] ``` ### ### Pinout Logic (Standard RS-422) * **SDA/SDB:** Send Data (Positive/Negative) * **RDA/RDB:** Receive Data (Positive/Negative) * **SG:** Signal Ground ---
    ✨ Follow-up Questions
    • ⤷ How do I configure the DIP switches for 2-wire vs 4-wire mode on this module?
    • ⤷ What is the maximum distance supported by the RS-485 interface on the W2RS-4DB-R2?
    • ⤷ Does this module require an external power supply or is it bus-powered?