Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2RS-5D2-R2

  • AI
    The **W2RS-5D2-R2** is a specific model of an **I/O Relay Terminal** or Relay Board, typically manufactured by companies like **Wago** or **Anywire**. These devices are used in industrial automation to interface between low-power control signals (PLC outputs) and high-power field devices. ### 1. Key Technical Specifications Below are the primary electronic characteristics of the W2RS-5D2-R2: | Feature | Specification | | :--- | :--- | | **Model Series** | W2RS Series (Slim/Compact Type) | | **Number of Channels** | 2 Channels (indicated by the "2" in the suffix) | | **Control Voltage** | 24V DC (Standard for Industrial PLC) | | **Contact Type** | 1c (SPDT - Single Pole Double Throw) | | **Rated Load (Resistive)** | Typically 5A at 250V AC / 30V DC | | **Mounting Type** | DIN Rail Mounting | | **Terminal Type** | Screw or Push-in (depending on specific sub-version) | --- ### 2. Internal Electronic Components The board consists of several critical electronic parts that ensure safe operation: * **Relay Units:** The heart of the module. It uses high-quality mechanical relays to provide galvanic isolation between the input and output circuits. * **Protection Diodes (Flyback Diodes):** Connected across the relay coil to protect the PLC output from voltage spikes (back-EMF) when the coil is de-energized. * **LED Status Indicators:** Integrated LEDs (usually green or red) provide a visual confirmation of the input signal status for each channel. * **Varistors (MOV):** Often included on the contact side to suppress electrical noise and arcing during switching, extending the life of the contacts. --- ### 3. Wiring Configuration The "R2" designation specifically refers to the layout of the 2-point relay system. ```mermaid graph LR A[PLC 24V DC Out] --> B[W2RS Coil Input] B --> C[Electromagnetic Switch] C --> D[Field Device 230V AC / 24V DC] style B fill:#f9f,stroke:#333,stroke-width:2px ``` ### 4. Application Use Cases 1. **Level Shifting:** Converting a 24V DC PLC signal to switch a 220V AC motor starter. 2. **Signal Isolation:** Protecting sensitive controller electronics from field-side electrical faults. 3. **Current Amplification:** Using a 10mA PLC output to drive a 5A load. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the W2RS-5D2-R2?
    • ⤷ Does this model support NPN or PNP logic inputs?
    • ⤷ What are the physical dimensions for DIN rail spacing?