Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2RS-62B-R2

  • AI
    The **W2RS-62B-R2** is a specific model of an **I/O Relay Terminal (Interface Module)**, typically manufactured by companies like **Wanduan** or similar industrial control component suppliers. It serves as a bridge between a PLC (Programmable Logic Controller) and field devices (motors, valves, sensors). ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Relay Channels** | 2-Channel (Independent) | | **Coil Voltage** | 24V DC (Standard for industrial PLC logic) | | **Contact Rating** | Typically 5A to 10A @ 250V AC / 30V DC | | **Mounting Type** | DIN Rail (Standard TS-35) | | **Contact Configuration** | 1C (SPDT - Single Pole Double Throw) per channel | | **Protection** | Built-in Freewheeling Diode (Surge suppression) | --- ### 2. Internal Electronic Components The module is more than just a relay; it contains several electronic parts designed for circuit protection and signal indication: 1. **Electromagnetic Relay:** The core switching component. It uses a low-power DC coil to move a physical contact that switches high-power loads. 2. **Flyback/Freewheeling Diode:** Connected across the relay coil. This prevents high-voltage spikes (back EMF) from damaging the PLC output when the relay is turned off. 3. **LED Status Indicator:** A small SMD LED (usually green or red) that lights up when the coil is energized, allowing for easy visual troubleshooting. 4. **Varistor (Optional in some versions):** Provides overvoltage protection on the contact side to prevent arcing. 5. **Screw Terminal Blocks:** High-quality connectors for secure wiring of input signals and output power. --- ### 3. Wiring Configuration The "62B" designation often refers to the specific wiring logic or terminal layout. Below is a generic representation of the connection logic: ```mermaid graph LR A[PLC Output 24V] --> B[Terminal Coil +] C[PLC Common] --> D[Terminal Coil -] subgraph Relay Module B --> E[Internal LED & Diode] E --> D end F[Power Source] --> G[Common Contact] G --> H[Normally Open / Closed Contacts] H --> I[External Load/Motor] ``` ### 4. Advantages of using W2RS-62B-R2 * **Space Saving:** The compact design allows for high-density mounting in electrical cabinets. * **Isolation:** Protects sensitive PLC electronics from the noise and high voltage of industrial machinery. * **Maintainability:** If a relay fails, it can often be unplugged and replaced without rewiring the entire terminal block (depending on the specific socket design). ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the R2 and the standard W2RS model?
    • ⤷ How do I troubleshoot a relay channel that is not switching?
    • ⤷ Can this module be used with AC input signals instead of 24V DC?