Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2SP-111-R2

  • AI
    The **W2SP-111-R2** is a specialized electronic component primarily categorized as an **RF Splitter/Combiner**. It is commonly utilized in wireless communication systems to distribute signals across multiple paths or combine multiple inputs into a single output. --- ### 1. Technical Specifications The following table outlines the core electronic characteristics of the W2SP-111-R2: | Feature | Description | | :--- | :--- | | **Component Type** | 2-Way Power Splitter / Combiner | | **Configuration** | 0° Phase Shift (In-phase) | | **Impedance** | 50 Ohms (Standard RF) | | **Frequency Range** | Typically optimized for sub-GHz to low GHz bands | | **Package Type** | Surface Mount (SMD) | | **Material** | Ceramic or LTCC (Low Temperature Co-fired Ceramic) | --- ### 2. Key Electronic Functions The W2SP-111-R2 performs several critical roles in a circuit: * **Power Division:** It splits an incoming RF signal into two equal-power output signals with minimal loss. * **Signal Combination:** It can work in reverse, merging two input signals into one output while maintaining impedance matching. * **Isolation:** It ensures that the two output ports are electronically isolated from each other. This prevents reflections or noise from one branch from affecting the other branch. * **Impedance Matching:** Designed to maintain a 50-ohm environment to prevent Standing Wave Ratio (SWR) issues and signal degradation. --- ### 3. Application Areas This part is typically found in the following electronic systems: 1. **Base Stations:** For distributing signals between different antenna arrays. 2. **Test Equipment:** Splitting a source signal to a device under test and a reference monitor. 3. **IoT Gateways:** Managing multiple wireless protocols (like Zigbee or LoRa) that share antenna paths. 4. **Signal Repeaters:** Used to boost and distribute cellular or Wi-Fi signals within buildings. --- ### 4. Circuit Implementation Example In a typical PCB layout, the part is connected as follows: ```mermaid graph LR Input[Input Port] --> Splitter[W2SP-111-R2] Splitter --> Out1[Output 1: -3dB] Splitter --> Out2[Output 2: -3dB] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range (MHz/GHz) for this specific model?
    • ⤷ What is the typical insertion loss for the W2SP-111-R2?
    • ⤷ Are there recommended PCB layout techniques to maintain 50-ohm impedance for this part?