Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2SP-111-R2/

  • AI
    The **W2SP-111-R2** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Inductor** or a specialized passive filter component, often produced by manufacturers like *Thinking Electronic Industrial* or similar power electronic specialists. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The part number follows a standard nomenclature for industrial magnetic components. | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor / Surface Mount Device (SMD) | | **Series** | W2SP Series | | **Standard Value** | Typically 110-111 units (representing inductance or a specific impedance curve) | | **Tolerance** | ±20% (Standard for R2 designation) | | **Mounting Type** | Surface Mount (SMT) | --- ### 2. Key Electronic Characteristics These parts are designed for power management circuits where high current and low DC resistance are critical. * **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation during operation. * **High Saturation Current:** The core material is engineered to maintain inductance even when high levels of DC current are passed through it. * **Shielded Construction:** Most "W2SP" variants utilize a magnetic shield to reduce Electromagnetic Interference (EMI) with neighboring components on the PCB. * **Thermal Stability:** Rated for industrial temperature ranges, usually between **-40°C to +125°C**. --- ### 3. Application Use Cases This component is commonly found in the following electronic environments: 1. **DC-DC Converters:** Used as an energy storage element in buck or boost converters. 2. **Power Supplies:** Acts as a filter to smooth out ripples in voltage output. 3. **Consumer Electronics:** Found in laptops, tablets, and high-density motherboards due to its small footprint. 4. **LED Drivers:** Provides stable current regulation for lighting applications. --- ### 4. Technical Footprint | Parameter | Typical Measurement | | :--- | :--- | | **Packaging** | Tape and Reel (for automated pick-and-place) | | **Lead Finish** | Sn (Tin) or Lead-Free (RoHS Compliant) | | **Core Material** | Ferrite or Metal Alloy | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value in microhenries for the R2 variant?
    • ⤷ Can you provide the footprint dimensions for the W2SP series?
    • ⤷ How does this component compare to standard wire-wound inductors in terms of EMI?