Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2SP-112-R2

  • AI
    The **W2SP-112-R2** is a specialized electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor** or a high-performance **Magnetic Core** component, often used in automotive and industrial power management applications. Below is a breakdown of its technical specifications, construction, and typical use cases. --- ### 1. Technical Specifications While exact specifications can vary slightly by manufacturer (often associated with brands like **Würth Elektronik** or specialized power magnetics providers), the general profile for this part number series is as follows: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance Range** | 1.0 µH to 100 µH (Series dependent) | | **Rated Current** | High Current (3A - 15A range) | | **Mounting Type** | SMD (Surface Mount Device) | | **Operating Temp** | -40°C to +125°C or +150°C | | **Shielding** | Magnetic Shielding (Low EMI) | --- ### 2. Key Internal Components The "Electronic Parts" within this single component include: * **Winding (Coil):** Typically made of high-purity copper wire. The "W" in the prefix often denotes "Wound" or "Wire-wound" technology. * **Core Material:** Usually a **Ferrite** or **Metal Alloy Powder** core. Ferrite provides high efficiency, while metal powder cores offer better saturation characteristics under high current. * **Terminations:** Tin-plated (Sn) or Gold-flashed leads designed for reflow soldering. * **Housing/Shield:** A magnetic resin or a metal cap that encloses the coil to prevent Electromagnetic Interference (EMI) from affecting nearby components. --- ### 3. Functional Features * **R2 Revision:** The "R2" suffix usually indicates a second revision or a specific tolerance/packaging standard (e.g., specific Reel size or 20% tolerance). * **Low DCR (DC Resistance):** Designed to minimize power loss as heat, making it ideal for battery-operated devices. * **Saturation Current:** High resistance to "saturation," meaning it maintains its inductive properties even when high levels of current flow through it. --- ### 4. Common Applications Due to its robust design, the W2SP series is frequently found in: 1. **DC/DC Converters:** Voltage regulation in laptops, servers, and automotive ECUs. 2. **Noise Filters:** Suppressing high-frequency noise in power lines. 3. **LED Drivers:** Providing stable current for high-brightness lighting. 4. **Infotainment Systems:** Used in car dashboards due to its high temperature stability. --- ### 5. Identification Code Breakdown (General) | Prefix | Series Code | Size/Value | Revision | | :--- | :--- | :--- | :--- | | **W2** | Manufacturer/Technology | **112** | **R2** | | (Wire-wound Gen 2) | (Series Profile) | (Form Factor/Value) | (Revision/Tolerance) |
    ✨ Follow-up Questions
    • ⤷ What is the saturation current rating for the W2SP-112-R2 specifically?
    • ⤷ Is this part AEC-Q200 qualified for automotive use?
    • ⤷ What are the recommended footprint dimensions for PCB layout?