Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2SP-11A-R/N

  • AI
    The **W2SP-11A-R/N** is a specific type of **Rotary Selection Switch**, commonly used in industrial control panels, automation systems, and machinery. It is designed to provide a physical interface for selecting different operational modes or states. --- ## 1. Core Technical Specifications The part number typically breaks down into specific electrical and mechanical characteristics: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Rotary Selector Switch | | **Operator Shape** | Round (Short Handle or Knob) | | **Mounting Diameter** | 22mm or 25mm (Standard Industrial size) | | **Contact Configuration** | 1 NO (Normally Open) + 1 NC (Normally Closed) | | **Number of Positions** | 2-Position (usually Maintain/Stay put) | | **Angle of Throw** | 90° rotation between positions | | **Illumination** | Non-Illuminated (Standard) | --- ## 2. Electronic Component Breakdown ### A. Contact Blocks (The Switching Element) The "11A" in the part number often refers to the contact arrangement: * **11**: Signifies 1 NO and 1 NC contact block. * **A**: Usually indicates the mounting style or the specific revision of the contact block series. * The contacts are typically made of **Silver Alloy** to ensure high conductivity and resistance to oxidation over time. ### B. Electrical Ratings In industrial environments, these switches are rated for both AC and DC loads: * **AC Rating:** Typically 240V / 3A or 120V / 6A. * **DC Rating:** Typically 24V / 1A or 125V / 0.22A. * **Insulation Resistance:** Usually > 100MΩ. ### C. Mechanical & Environmental Features * **IP Rating:** Generally **IP65**, meaning it is dust-tight and protected against water jets (common in factory floors). * **Durability:** Mechanical life is often rated for over 100,000 cycles. * **Housing Material:** Usually Flame-retardant plastic or die-cast metal, depending on the specific sub-series. --- ## 3. Wiring Logic The switch operates by physically moving a cam that pushes or releases the plungers on the attached contact blocks. ```mermaid graph LR A[Input Terminal] --> B{Switch Position} B -- Position 1 --> C[NC Contact: Closed] B -- Position 1 --> D[NO Contact: Open] B -- Position 2 --> E[NC Contact: Open] B -- Position 2 --> F[NO Contact: Closed] ``` --- ## 4. Common Applications * **Mode Selection:** Switching a machine between "Manual" and "Auto" modes. * **Power Control:** On/Off selector for auxiliary circuits. * **Safety Logic:** Used in series with other components to ensure a machine cannot start unless the switch is in the correct position.
    ✨ Follow-up Questions
    • ⤷ What is the exact mounting hole diameter for the W2SP series?
    • ⤷ How do I wire the NO/NC contacts for a basic Start/Stop function?
    • ⤷ Does this model support LED illumination upgrades?