Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2SP-12A-R

  • AI
    The **W2SP-12A-R** is an electronic component primarily classified as a **Sealed Rocker Switch**, typically manufactured by companies like **NKK Switches**. These components are designed for rugged environments where moisture, dust, and debris are prevalent. --- ### 1. Technical Specifications The following table highlights the core technical characteristics of the W2SP-12A-R: | Feature | Specification | | :--- | :--- | | **Switch Type** | Rocker Switch | | **Circuit Type** | SPDT (Single Pole Double Throw) | | **Switch Function** | ON - NONE - ON | | **Current Rating** | 6A @ 125V AC / 3A @ 250V AC | | **Termination Style** | PC Pin (Through-hole) | | **Sealing Rating** | IP67 (Dust tight and Water immersion) | | **Operating Temp** | -30°C to +85°C | --- ### 2. Key Component Features #### A. Sealing Technology The "W" in the series prefix usually denotes **Waterproof/Washable**. The switch features an internal o-ring and a rubber boot/seal that prevents liquid ingress through the actuator or the base. This makes it suitable for: * Marine equipment. * Medical devices requiring frequent cleaning. * Outdoor control panels. #### B. Contact Mechanism The W2SP-12A-R utilizes a **snap-action contact mechanism**. This ensures: * High reliability. * Long electrical life (typically 50,000+ cycles). * Minimized arcing during state transitions. #### C. Mounting Design It is designed for **PCB (Printed Circuit Board) mounting**. The pins are spaced specifically for standard grid layouts, allowing the switch to be soldered directly to the board rather than using wire leads or panel nuts. --- ### 3. Application Examples Due to its SPDT (Single Pole Double Throw) configuration, it can be used to switch between two different circuits or power states: * **Industrial Controls:** Toggling between manual and automatic modes. * **Transportation:** Dashboard controls for lights or auxiliary power in off-road vehicles. * **Consumer Electronics:** Power switches for devices used in humid environments.
    ✨ Follow-up Questions
    • ⤷ What is the difference between SPDT and DPDT in rocker switches?
    • ⤷ Can the W2SP-12A-R be used for DC applications?
    • ⤷ What are the recommended soldering temperatures for PC pin rocker switches?