Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2SP-12A-R2

  • AI
    The **W2SP-12A-R2** is a specific part number typically associated with high-performance **Peltier Modules** (Thermoelectric Coolers / TECs). These devices are solid-state heat pumps used for precision temperature control. --- ### 1. Key Technical Specifications While exact parameters can vary slightly by manufacturer, the "12A" nomenclature usually refers to its current rating or specific size tier. | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Type** | Single-Stage | Standard configuration for cooling. | | **Max Current ($I_{max}$)** | ~12.0 Amperes | Maximum current the module can handle. | | **Max Voltage ($V_{max}$)** | ~15.4 Volts | Usually designed for 12V DC power supplies. | | **Max Cooling Power ($Q_{max}$)** | ~120 - 150 Watts | Maximum heat energy moved at $\Delta T = 0$. | | **Max Temp Difference ($\Delta T_{max}$)** | $\geq 67^\circ\text{C}$ | Maximum temp gap between hot and cold sides. | | **Dimensions** | 40 x 40 x 3.8 mm | Standard footprint for CPU/Industrial cooling. | --- ### 2. Internal Components and Construction A Peltier module like the W2SP-12A-R2 consists of several critical layers: 1. **Ceramic Substrates:** Usually Alumina ($Al_2O_3$). These act as the outer plates, providing electrical insulation while remaining thermally conductive. 2. **Semiconductor Pellets:** Made of Bismuth Telluride ($Bi_2Te_3$). These are arranged in pairs of N-type and P-type materials. 3. **Copper Traces:** Interconnect the semiconductor pellets in series electrically and in parallel thermally. 4. **Sealant:** Often features RTV silicone or epoxy around the edges (indicated by the "R" or "S" suffixes in some brands) to prevent moisture ingress and corrosion. --- ### 3. Operating Principle The device operates on the **Peltier Effect**: - When a DC current flows through the device, heat is absorbed on one side (making it cold) and rejected on the other side (making it hot). - If you reverse the polarity of the DC current, the heat flow reverses, allowing for both **heating and cooling** capabilities in one component. --- ### 4. Implementation Requirements To use the W2SP-12A-R2 effectively in a circuit, you must consider: * **Heat Sinking:** You **must** attach a large heatsink and fan to the "hot side." Without active cooling, the module will overheat and fail within seconds. * **Thermal Interface Material (TIM):** Use high-quality thermal grease between the ceramic faces and the heat sinks. * **PWM Control:** For precision temperature stability, use a PID controller with a high-frequency PWM signal or a smoothed DC output. ---
    ✨ Follow-up Questions
    • ⤷What is the recommended power supply wattage for a 12A Peltier module?
    • ⤷ How do I identify the 'hot side' and 'cold side' of the W2SP-12A-R2?
    • ⤷ Can this module be used for power generation through the Seebeck effect?