Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2SP-12A-R2/N

  • AI
    The **W2SP-12A-R2/N** belongs to a series of industrial-grade signal conditioners and splitters, typically manufactured by companies like **M-System** (now part of MG CO., LTD). This specific model is a **Two-wire Signal Splitter** designed for instrumentation and process control. --- ### ## Technical Specifications The primary function of this component is to take one 4–20 mA input signal and split it into two independent 4–20 mA output signals. | Feature | Specification | | :--- | :--- | | **Input Signal** | 4 – 20 mA DC | | **Output 1** | 4 – 20 mA DC | | **Output 2** | 4 – 20 mA DC | | **Power Input** | 24V DC (typical for R2 series) | | **Isolation** | 3-way isolation (Input to Output 1 to Output 2 to Power) | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Mounting** | DIN Rail or Surface mount | --- ### ### Key Electronic Components & Internal Workings The "Electronic Parts" within this module are designed for high-precision analog signal processing: 1. **Isolation Transformer:** Uses high-frequency modulation to transfer the signal across a galvanic barrier, preventing ground loops. 2. **Operational Amplifiers (Op-Amps):** High-precision, low-drift amplifiers (often from TI or Analog Devices) ensure the current signal remains linear and accurate. 3. **Shunt Resistors:** High-stability, low-temperature coefficient resistors are used to convert input current to voltage for internal processing. 4. **Voltage Regulators:** Internal DC-DC converters stabilize the 24V input to power the sensitive analog circuitry. --- ### ### Part Number Breakdown (Nomenclature) * **W2SP:** Two-wire Signal Splitter series. * **12:** Denotes the I/O configuration (Input: 4-20mA / Output: 4-20mA). * **A:** Refers to the Power Input (usually 24V DC). * **R2:** Series designator (Plug-in base type). * **N:** Options code (typically denotes standard environmental specs or specific terminal types). --- ### ### Applications * **Redundancy:** Sending a sensor signal to both a PLC and a backup Chart Recorder simultaneously. * **Signal Isolation:** Protecting sensitive control equipment from electrical noise or surges originating in the field. * **Impedance Matching:** Driving two different loads from a single high-impedance source.
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the W2SP-12A outputs?
    • ⤷ How does 3-way isolation differ from 2-way isolation in this module?
    • ⤷ Can this splitter be used with 0-10V input signals instead of 4-20mA?