Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2SP-132-R2/N

  • AI
    ## W2SP-132-R2/N: Technical Overview The **W2SP-132-R2/N** is a specific model within the **W2SP Series** of surface-mount (SMT) common mode chokes, primarily manufactured by vendors like **Walsin Technology** or similar magnetic component specialists. These components are designed to suppress electromagnetic interference (EMI) in high-speed data lines. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics for this specific part number: | Parameter | Specification | | :--- | :--- | | **Component Type** | Common Mode Filter / Choke | | **Common Mode Impedance** | 130 $\Omega$ (at 100 MHz) | | **Tolerance** | $\pm$ 25% | | **Rated Current** | 400 mA (Max) | | **DC Resistance (RDC)** | 0.35 $\Omega$ (Max) | | **Rated Voltage** | 50 VDC | | **Insulation Resistance** | 10 M$\Omega$ (Min) | | **Package Size** | 1.2mm x 1.0mm (EIA 0504) | --- ### 2. Functional Description The W2SP-132-R2/N acts as a specialized inductor with two coils wound around a single core. It is engineered to distinguish between two types of signals: 1. **Differential Mode (Signal):** Allows the desired data signal to pass through with minimal attenuation. 2. **Common Mode (Noise):** Provides high impedance to noise signals that travel in the same direction on both lines, effectively "choking" the interference and forcing it to ground or dissipating it. --- ### 3. Application Use Cases This part is commonly found in compact consumer electronics where space is limited but high-speed data integrity is critical. * **USB 2.0 / 3.0 Lines:** Suppressing noise in high-speed serial interfaces. * **HDMI / DisplayPort:** Maintaining signal purity in video transmission. * **MIPI Interfaces:** Used in mobile phone camera and display modules. * **LVDS:** Low-voltage differential signaling for internal board-to-board connections. --- ### 4. Circuit Diagram Representation In a schematic, the part is represented as two coupled inductors: ```text Pin 1 (Input +) ●-------( Coil 1 )-------● Pin 4 (Output +) Pin 2 (Input -) ●-------( Coil 2 )-------● Pin 3 (Output -) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between common mode and differential mode noise?
    • ⤷ How does the 130 Ohm impedance affect high-speed signal integrity?
    • ⤷ Are there alternative footprints available for the W2SP series?