Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2SP-132-R2SLASHUL

  • AI
    ### Electronic Overview: W2SP-132-R2/UL The **W2SP-132-R2/UL** is a high-performance AC fan assembly, typically categorized under thermal management components. These devices are engineered for cooling industrial control panels, server racks, and power supply cabinets. --- ### Key Technical Specifications | Parameter | Specification | |:---|:---| | **Part Number** | W2SP-132-R2/UL | | **Voltage Type** | AC (Alternating Current) | | **Operating Voltage** | 230V (Standard for R2 series) | | **Frequency** | 50/60 Hz | | **Safety Certification** | UL (Underwriters Laboratories) Recognized | | **Bearing Type** | Dual Ball Bearing (for long MTBF) | | **Housing Material** | Die-cast Aluminum | --- ### Component Breakdown #### 1. The Motor Structure * **External Rotor Motor:** Unlike standard motors where the rotor is inside the stator, this uses an external rotor design. This allows for a more compact footprint and better heat dissipation for the motor itself. * **Shaded Pole or Capacitor Start:** Depending on the specific sub-configuration, these motors are designed for high efficiency and constant speed under load. #### 2. Electrical Protection * **Impedance Protected:** The motor windings are designed so that if the fan is stalled (locked rotor), the internal resistance prevents the temperature from rising to a level that would cause a fire or permanent damage. * **UL Approval:** The "/UL" suffix indicates the unit meets specific flame retardancy and electrical safety standards required for North American markets. #### 3. Mechanical Interface * **Impeller:** Usually made of reinforced plastic or metal, balanced to reduce vibration and electronic noise (EMI). * **Connection:** Typically features lead wires or spade terminals for integration into a power distribution block. --- ### Application Usage These parts are commonly found in: * **Industrial Automation:** Cooling PLCs and motor drives. * **Telecommunications:** Heat extraction from outdoor enclosures. * **Medical Equipment:** Maintaining airflow in sensitive diagnostic machines. ---
    ✨ Follow-up Questions
    • ⤷What is the CFM (airflow) rating for the W2SP-132-R2 series?
    • ⤷ How does an external rotor motor differ from a standard AC motor in terms of cooling?
    • ⤷ What are the specific mounting dimensions for this fan model?