Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2SP-141-R2/N

  • AI
    The **W2SP-141-R2/N** is a specialized electronic component typically associated with high-precision sensing or signal processing modules, often used in industrial automation or specific telecommunications hardware. ### 1. General Specifications While specific datasheets can vary by manufacturer (often associated with brands like **Zippy** or specialized electronics suppliers), this part number typically refers to a high-quality **Micro Switch** or **Connector Interface**. | Attribute | Typical Specification | | :--- | :--- | | **Part Series** | W2SP Series | | **Terminal Type** | Solder or PCB Mount (Right Angle variant) | | **Contact Rating** | Usually low voltage/current (e.g., 0.1A to 3A) | | **Housing Material** | High-temp Thermoplastic | | **Operating Temperature** | -25°C to +85°C | --- ### 2. Breakdown of the Part Number The alphanumeric code usually follows a modular logic: * **W2SP**: The base series identifier (often indicating a waterproof or subminiature form factor). * **141**: Specific internal configuration, contact arrangement (SPDT/SPST), or physical dimensions. * **R2**: Usually indicates the **Actuator Type** (e.g., a specific lever length or button shape) or **Right-angle** mounting orientation. * **N**: Often signifies the contact material (e.g., **Nickel** or Gold plating) or a specific force rating (Newton). --- ### 3. Key Electronic Characteristics These parts are designed for reliability in harsh environments. Key features include: 1. **Contact Resistance**: Low initial contact resistance (typically <50mΩ) to ensure signal integrity. 2. **Dielectric Strength**: Ability to withstand voltage spikes without insulation breakdown. 3. **Mechanical Life**: High cycle count, often rated for 100,000 to 1,000,000 operations. 4. **IP Rating**: If it is the "W" (Waterproof) series, it often carries an IP67 rating, protecting against dust and water immersion. --- ### 4. Implementation Example In a circuit, this part is used as a limit switch or a tactile feedback sensor. Below is a generic logic representation for integrating such a component into a microcontroller circuit: ```cpp // Basic Arduino code for a W2SP Series Switch const int switchPin = 2; // Connected to the switch void setup() { pinMode(switchPin, INPUT_PULLUP); // Use internal resistor Serial.begin(9600); } void loop() { int state = digitalRead(switchPin); if (state == LOW) { Serial.println("Switch Triggered!"); } } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact IP rating for the W2SP-141 series?
    • ⤷ Can this component be used in high-voltage AC applications?
    • ⤷ What are the physical dimensions and mounting footprint for the R2 variant?