Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2SP-14D-R/N

  • AI
    The **W2SP-14D-R/N** is a specific electronic component typically categorized as a **Metal Oxide Varistor (MOV)**, often manufactured by brands like World Products or similar industrial electronic suppliers. These components are critical for circuit protection. --- ### 1. Component Identification The part number can be broken down into technical specifications common for surge protection devices: | Part Segment | Meaning | Details | | :--- | :--- | :--- | | **W2SP** | Series Prefix | High-energy surge protection series. | | **14** | Disc Diameter | 14mm physical size of the ceramic disc. | | **D** | Shape | Circular (Disc) geometry. | | **R/N** | Coating/Material | Often denotes "Radial" leads or specific RoHS/Non-flammable coating. | ### 2. Key Technical Specifications While exact datasheets can vary slightly by manufacturer, a standard 14D series varistor typically operates within these parameters: * **Varistor Voltage:** Usually indicated by the numbers following the 'D' (if present), but in this specific sequence, it acts as a voltage-dependent resistor. * **Energy Absorption:** High joule ratings (typically 50J to 150J depending on the specific voltage rating). * **Peak Current:** Can handle surge currents up to 4,500A - 6,000A for a brief 8/20µs pulse. * **Capacitance:** Relatively high, which is typical for MOVs, making them suitable for AC power lines but not high-speed data lines. ### 3. Functional Purpose The W2SP-14D-R/N functions as a **clamping device**. Its resistance changes based on the applied voltage: 1. **Normal State:** At standard operating voltages, it maintains very high resistance (acts like an open circuit). 2. **Surge State:** When a high-voltage spike occurs (lightning, inductive switching), the resistance drops instantly. 3. **Protection:** It shunts the excess current to ground or across the line, limiting the voltage to a level the downstream electronics can survive. ### 4. Typical Applications * **Power Supplies:** Common in the input stage of SMPS (Switch Mode Power Supplies). * **Home Appliances:** Used in washing machines, refrigerators, and TVs to prevent damage from grid fluctuations. * **Industrial Controllers:** Protection for PLCs and motor drives. * **Surge Strips:** The primary component inside "surge protected" power bars. --- ### 5. Safety and Replacement Notes * **Degradation:** MOVs degrade slightly every time they absorb a surge. Eventually, they may fail "short" or "open." * **Visual Check:** If the component looks charred, cracked, or has a "blown" appearance, it must be replaced. * **Polarity:** These are non-polarized components and can be installed in either direction.
    ✨ Follow-up Questions
    • ⤷ What is the specific clamping voltage for the 14D-R/N model?
    • ⤷ How do I test if this varistor is still functional using a multimeter?
    • ⤷ What is the difference between a 14mm (14D) and a 20mm (20D) varistor?