Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2SP-14D-R2/N

  • AI
    The **W2SP-14D-R2/N** refers to a high-density, industrial-grade **Solid State Relay (SSR) Module**, typically manufactured by companies like **Wago** or as part of specialized interface relay systems. These components are designed to bridge the gap between low-power control signals (from a PLC or MCU) and high-power loads. ### 1. Technical Specifications Overview | Parameter | Characteristic | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) / Interface Module | | **Channel Count** | Often 14-Channel (Density-optimized) | | **Input Voltage** | Typically 24V DC (Standard Control Logic) | | **Output Type** | N-Type (NPN/Negative Common) or MOSFET based | | **Mounting Type** | DIN Rail (TS-35) | | **Connection Technology** | Push-in CAGE CLAMP® or Screw Terminals | --- ### 2. Key Electronic Features #### A. Opto-Isolation The "Solid State" nature means there are no moving parts. It uses an **Optical Isolator** (LED + Phototransistor) internally to separate the control circuit from the load circuit. This prevents voltage spikes in the load from damaging the sensitive controller (PLC). #### B. N-Channel / Negative Switching (/N) The **/N** suffix generally indicates a **Negative switching** logic (Common Positive). * **Source:** The load is connected to a permanent positive rail. * **Switch:** The SSR completes the circuit to the ground/negative rail when activated. #### C. High Switching Speed & Longevity Unlike mechanical relays, this electronic part: * Supports high-frequency switching (PWM compatible). * Has an "infinite" mechanical life because there are no contacts to wear out or arc. --- ### 3. Circuit Block Diagram Representation ```mermaid graph LR Input[24V DC Signal] --> Opto[Opto-Isolator] Opto --> Driver[MOSFET Driver] Driver --> Load[Output Load] style Opto fill:#f9f,stroke:#333,stroke-width:2px ``` --- ### 4. Application Use Cases * **PLC Output Expansion:** Used when the internal PLC relays are too weak or slow for the application. * **Solenoid Valve Control:** Fast-acting control for pneumatic or hydraulic systems. * **Heater Control:** Managing PID loops for temperature stability where frequent cycling is required. * **Signal Level Shifting:** Converting logic levels between different industrial hardware.
    ✨ Follow-up Questions
    • ⤷ What are the maximum current ratings for the output channels?
    • ⤷ How does the /N version differ from a /P (Positive) version in wiring?
    • ⤷ Does this module include integrated over-current protection?