Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2SP-1CD-R/N

  • AI
    The **W2SP-1CD-R/N** is a specific model within the **W2 series of Signal Conditioners/Transmitters** manufactured by **M-System** (now part of MG CO., LTD). This device is a compact, stackable, and high-performance signal splitter designed for industrial automation. --- ### 1. Key Technical Specifications The W2SP-1CD-R/N is primarily used to take one DC input signal and split it into two independent, isolated DC output signals. | Feature | Specification | | :--- | :--- | | **Model Series** | W2 Series (Ultra-slim Signal Conditioners) | | **Function** | Signal Splitter (1 Input $\rightarrow$ 2 Outputs) | | **Power Input (R)** | 24V DC | | **Input Signal (C)** | 1 to 5V DC | | **Output 1 (D)** | 0 to 20mA DC | | **Output 2 (N)** | No second output (Single output configuration) *or* specific custom code | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Installation** | DIN rail mounting | --- ### 2. Electronic Component Composition The internal circuitry of this device consists of several critical stages to ensure signal integrity and protection: * **Input Stage:** Contains a high-impedance buffer to prevent loading the source signal and a protection circuit (clamping diodes) against voltage spikes. * **Isolation Barrier:** Uses **optocouplers** or **magnetic transformers** to provide galvanic isolation. This prevents ground loops from damaging sensitive PLCs or SCADAs. * **Signal Processing:** An operational amplifier (Op-Amp) circuit scales the input (e.g., 1-5V) to the desired output range (e.g., 0-20mA). * **Power Management:** An internal DC/DC converter regulates the 24V DC supply to provide clean, stable power to the internal logic and isolation stages. --- ### 3. Connection Diagram Logic The wiring for these electronic parts typically follows this logic: ```text [ FIELD DEVICE ] ----> (Input: 1-5V DC) ----> [ W2SP-1CD ] | +---> (Output 1: 0-20mA) ----> [ PLC / Controller ] | +---> (Power: 24V DC) ``` --- ### 4. Application Use Cases * **Ground Loop Elimination:** Separates the electrical grounds of the sensor and the control system. * **Signal Conversion:** Converting a voltage signal (1-5V) into a current loop (0-20mA) for long-distance transmission without signal loss. * **Safety:** Protecting expensive control equipment from high-voltage transients originating in the field.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring terminal assignments for the W2SP-1CD?
    • ⤷ How does 3-way isolation differ from 2-way isolation in signal conditioners?
    • ⤷ What is the maximum load resistance for the 0-20mA output stage?