Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2SP-21D-R2

  • AI
    ## W2SP-21D-R2 Electronic Component Overview The **W2SP-21D-R2** is a specialized high-performance **2-Port SFP/SFP+ Cage and Connector Assembly**. It is primarily used in networking equipment to interface fiber optic or copper transceiver modules with a Printed Circuit Board (PCB). ### 1. Key Specifications and Features | Feature | Specification / Detail | | :--- | :--- | | **Component Type** | SFP+ (Small Form-factor Pluggable Plus) | | **Configuration** | 1x2 (Dual Port / 2-Port) | | **Data Rate** | Supports up to 10 Gbps (per port) | | **Mounting Type** | Press-fit (Solderless) or Through-hole | | **Orientation** | Right Angle / Horizontal | | **Integrated Components** | EMI Gaskets and Light Pipes (model dependent) | --- ### 2. Major Electronic & Mechanical Parts The assembly consists of several critical sub-components that ensure electrical integrity and mechanical stability: #### A. The Connector Housing The main body is usually made of a high-temperature thermoplastic (LCP - Liquid Crystal Polymer). This material is chosen for its: * **Thermal Stability:** It can withstand reflow soldering temperatures. * **Precision:** Allows for high-density pin spacing (0.8mm pitch). #### B. Signal Contacts (Pins) These are the gold-plated copper alloy pins located inside the cage that mate with the transceiver module. * **Gold Plating:** Ensures low contact resistance and prevents oxidation over long periods. * **Differential Pairs:** The layout is optimized for high-speed differential signaling to minimize crosstalk and EMI. #### C. EMI Shielding (The Cage) The "W2SP" series features a robust metal cage (usually nickel silver or stainless steel) designed to: * **Contain EMI:** Prevents high-frequency noise from escaping the module. * **Grounding:** Provides multiple grounding points to the PCB to discharge static and reduce interference. #### D. Light Pipes (Optional) Depending on the specific "R2" revision sub-type, the unit may include clear polycarbonate light pipes. These "bend" light from surface-mount LEDs on the PCB to the front panel, providing status indicators (Link/Activity) for each port. --- ### 3. Applications The W2SP-21D-R2 is commonly found in high-bandwidth environments including: * **Network Switches and Routers:** Connecting enterprise-level hardware. * **Storage Area Networks (SAN):** Used in high-speed data storage arrays. * **Network Interface Cards (NICs):** Providing SFP+ slots for servers. * **Telecommunications Infrastructure.** ---
    ✨ Follow-up Questions
    • ⤷ What are the specific PCB footprint requirements for the W2SP-21D-R2?
    • ⤷ Does this model support SFP28 or higher data rates beyond 10Gbps?
    • ⤷ What is the recommended EMI gasket material for this specific cage?