Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2SP-223-R2

  • AI
    ## Overview of W2SP-223-R2 The **W2SP-223-R2** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are designed to manage power flow, filter noise, and store energy in electromagnetic fields within electronic circuits. ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics and physical dimensions. | Feature | Specification (Typical) | Description | | :--- | :--- | :--- | | **Inductance** | 22 µH | The "223" code represents $22 \times 10^3$ nH or 22 microhenries. | | **Tolerance** | ±20% (M) | Common industry standard for this class of inductor. | | **Mounting Type** | SMD/SMT | Designed for automated pick-and-place assembly on PCBs. | | **Current Rating** | Dependent on Size | Typically ranges from 0.5A to 2.5A based on the physical package. | | **R2 Suffix** | Revision/Packaging | Indicates the second revision or a specific reel packaging format. | --- ### 2. Core Components and Materials To understand the "parts" within this component, we must look at its internal construction: 1. **Ferrite Core:** The heart of the inductor, usually made of a manganese-zinc or nickel-zinc ferrite material. This concentrates the magnetic flux. 2. **Copper Winding:** A fine enamelled copper wire is wound around the core. The number of turns determines the 22 µH inductance value. 3. **Shielding (Optional):** Many "W2SP" series parts are magnetically shielded to prevent Electromagnetic Interference (EMI) from affecting nearby components. 4. **Terminations:** Solder pads (usually tin-plated) located on the bottom or sides for electrical connection to the circuit board. --- ### 3. Common Applications The W2SP-223-R2 is widely used in power management stages: * **DC-DC Converters:** Used as energy storage elements in buck or boost regulators. * **Noise Filtering:** Acting as a low-pass filter to smooth out ripples in power lines. * **Consumer Electronics:** Found in smartphones, tablets, and laptops due to its small footprint. * **LED Drivers:** Used to stabilize current flowing through high-brightness LEDs. --- ### 4. Key Performance Factors When integrating this part into a design, engineers look at two critical curves: * **Saturation Current ($I_{sat}$):** The point where the inductance drops by a certain percentage (usually 30%) because the core cannot hold more magnetic flux. * **Temperature Rise Current ($I_{rms}$):** The amount of continuous current that causes the component's temperature to rise (usually by 40°C) due to resistive losses ($I^2R$).
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions of the W2SP-223-R2 package?
    • ⤷ How does the '223' numbering system compare to '220' or '221'?
    • ⤷ Is this specific inductor shielded or unshielded?